Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1002MP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1002MP
Description  2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1002MP Datasheet(HTML) 1 Page - Microsemi Corporation

  1002MP_10 Datasheet HTML 1Page - Microsemi Corporation 1002MP_10 Datasheet HTML 2Page - Microsemi Corporation 1002MP_10 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
1002MP
2 Watts, 35 Volts
Pulsed Avionics at 960-1215 MHz
GENERAL DESCRIPTION
The 1002MP is a COMMON BASE transistor capable of providing 2 Watts of
pulsed RF output power in the band 960 to 1215 MHz.
This transistor is
specifically designed for pulsed Avionics amplifier applications. It utilizes gold
metallization and low thermal resistance packaging to provide high reliability
and supreme ruggedness.
CASE OUTLINE
55FW-1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @ 25
°C
7 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
50 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
250 mA
Maximum Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Output
F = 1150 MHz
2.0
4
W
Pin
Power Input
0.3
W
Pg
Power Gain
Vcc = 35 Volts
8.24
11
dB
η
c
Collector Efficiency
45
%
VSWR
Load Mismatch Tolerance
Pulse width = 20 µs
LTDF = 1%
10:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 1 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 5 mA
50
V
hFE
DC – Current Gain
Vce = 5V, Ic = 100 mA
20
Cob
Capacitance
Vcb=35V, f=1MHz
2.2
5.0
pF
θjc1
Thermal Resistance
25
°C/W
Rev B: August 2010


Similar Part No. - 1002MP_10

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1002MP ADPOW-1002MP Datasheet
179Kb / 2P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
logo
Microsemi Corporation
1002MP MICROSEMI-1002MP Datasheet
128Kb / 3P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
More results

Similar Description - 1002MP_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Advanced Power Technolo...
1002MP ADPOW-1002MP Datasheet
179Kb / 2P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
1004MP ADPOW-1004MP Datasheet
184Kb / 2P
4 Watts, 35 Volts Pulsed Avionics, 960 to 1215 MHz
logo
GHz Technology
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
1002MP MICROSEMI-1002MP Datasheet
128Kb / 3P
2 Watts, 35 Volts Pulsed Avionics at 960-1215 MHz
JTDB25 MICROSEMI-JTDB25 Datasheet
187Kb / 3P
25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
JTDB75 MICROSEMI-JTDB75 Datasheet
131Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com