Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC8563 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8563
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments DAC8563 Datasheet HTML 45Page - Texas Instruments DAC8563 Datasheet HTML 46Page - Texas Instruments DAC8563 Datasheet HTML 47Page - Texas Instruments DAC8563 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
Relative Accuracy or Integral Nonlinearity (INL)
Relative accuracy or integral nonlinearity (INL) is defined as the maximum deviation between the real transfer
function and a straight line passing through the endpoints of the ideal DAC transfer function. INL is measured in
LSBs.
Resolution
Generally, the DAC resolution can be expressed in different forms. Specifications such as IEC 60748-4
recognize the numerical, analog, and relative resolution. The numerical resolution is defined as the number of
digits in the chosen numbering system necessary to express the total number of steps of the transfer
characteristic, where a step represents both a digital input code and the corresponding discrete analogue output
value. The most commonly-used definition of resolution provided in data sheets is the numerical resolution
expressed in bits.
Zero-Code Error
The zero-code error is defined as the DAC output voltage, when all 0s are loaded into the DAC register.
Zero-code error is a measure of the difference between actual output voltage and ideal output voltage (0 V). It is
expressed in mV. It is primarily caused by offsets in the output amplifier.
Zero-Code Error Drift
Zero-code error drift is defined as the change in zero-code error with a change in temperature. Zero-code error
drift is expressed in
µV/°C.
44
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com