Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT38F50J Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT38F50J
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT38F50J Datasheet(HTML) 3 Page - Microsemi Corporation

  APT38F50J Datasheet HTML 1Page - Microsemi Corporation APT38F50J Datasheet HTML 2Page - Microsemi Corporation APT38F50J Datasheet HTML 3Page - Microsemi Corporation APT38F50J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
GS= 7 & 10V
5.5V
T
J = 125°C
T
J = 25°C
T
J = -55°C
V
GS = 10V
6V
5V
V
DS> ID(ON) x RDS(ON) MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS = 10V @ 28A
T
J = 125°C
T
J = 25°C
T
J = -55°C
C
oss
C
iss
I
D = 28A
V
DS = 400V
V
DS = 100V
V
DS = 250V
T
J = 125°C
T
J = 25°C
T
J = -55°C
T
J = 150°C
T
J = 25°C
T
J = 125°C
T
J = 150°C
C
rss
6.5V
V
DS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure1,OutputCharacteristics
Figure2,OutputCharacteristics
T
J, JUNCTION TEMPERATURE (°C)
V
GS, GATE-TO-SOURCE VOLTAGE (V)
Figure3,R
DS(ON)vsJunctionTemperature
Figure4,TransferCharacteristics
I
D, DRAIN CURRENT (A)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure5,GainvsDrainCurrent
Figure6,CapacitancevsDrain-to-SourceVoltage
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure7,GateChargevsGate-to-SourceVoltage
Figure8,ReverseDrainCurrentvsSource-to-DrainVoltage
0
5
10
15
20
25
0
5
10
15
20
25
30
-55 -25
0
25
50
75
100 125 150
0
2
4
6
8
10
0
10
20
30
40
50
0
100
200
300
400
500
0
50
100
150
200
250
300 350
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
200
160
120
80
40
0
2.5
2.0
1.5
1.0
0.5
0
70
60
50
40
30
20
10
0
16
14
12
10
8
6
4
2
0
100
90
80
70
60
50
40
30
20
10
0
175
150
125
100
75
50
25
0
20,000
10,000
1000
100
10
175
150
125
100
75
50
25
0
APT38F50J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com