Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT84M50B2 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APT84M50B2
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT84M50B2 Datasheet(HTML) 1 Page - Microsemi Corporation

  APT84M50B2_09 Datasheet HTML 1Page - Microsemi Corporation APT84M50B2_09 Datasheet HTML 2Page - Microsemi Corporation APT84M50B2_09 Datasheet HTML 3Page - Microsemi Corporation APT84M50B2_09 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T-Max
TM
TO-264
N-Channel MOSFET
Absolute Maximum Ratings
Thermal and Mechanical Characteristics
G
D
S
Single die MOSFET
Unit
A
V
mJ
A
Unit
W
°C/W
°C
oz
g
in·lbf
N·m
Ratings
84
53
270
±30
1845
42
Min
Typ
Max
1135
0.11
0.11
-55
150
300
0.22
6.2
10
1.1
Parameter
Continuous Drain Current @ T
C
= 25°C
Continuous Drain Current @ T
C
= 100°C
Pulsed Drain Current 1
Gate-Source Voltage
Single Pulse Avalanche Energy 2
Avalanche Current, Repetitive or Non-Repetitive
Characteristic
Total Power Dissipation @ T
C
= 25°C
Junction to Case Thermal Resistance
Case to Sink Thermal Resistance, Flat, Greased Surface
Operating and Storage Junction Temperature Range
Soldering Temperature for 10 Seconds (1.6mm from case)
Package Weight
Mounting Torque ( TO-264 Package), 4-40 or M3 screw
Symbol
I
D
I
DM
V
GS
E
AS
I
AR
Symbol
P
D
RθJC
RθCS
T
J
,T
STG
T
L
W
T
Torque
TYPICAL APPLICATIONS
• PFC and other boost converter
• Buck converter
• Two switch forward (asymmetrical bridge)
• Single switch forward
• Flyback
• Inverters
FEATURES
• Fast switching with low EMI/RFI
• Low RDS(on)
• Ultra low Crss for improved noise immunity
• Low gate charge
• Avalanche energy rated
• RoHS compliant
APT84M50B2
APT84M50L
500V, 84A, 0.065
Ω Max
APT84M50B2
APT84M50L
Power MOS 8is a high speed, high voltage N-channel switch-mode power MOSFET.
A proprietary planar stripe design yields excellent reliability and manufacturability. Low
switching loss is achieved with low input capacitance and ultra low Crss "Miller" capaci-
tance. The intrinsic gate resistance and capacitance of the poly-silicon gate structure
help control slew rates during switching, resulting in low EMI and reliable paralleling,
even when switching at very high frequency. Reliability in flyback, boost, forward, and
other circuits is enhanced by the high avalanche energy capability.
MicrosemiWebsite-http://www.microsemi.com


Similar Part No. - APT84M50B2_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT84M50B2 MICROSEMI-APT84M50B2 Datasheet
403Kb / 4P
N-Channel MOSFET
logo
Inchange Semiconductor ...
APT84M50B2 ISC-APT84M50B2 Datasheet
420Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - APT84M50B2_09

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com