Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPT60080 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CPT60080
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT60080 Datasheet(HTML) 1 Page - Microsemi Corporation

  CPT60080 Datasheet HTML 1Page - Microsemi Corporation CPT60080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
0.62 Volts
0.85 Volts
CPT60080 - CPT600100
copper
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
Reverse Voltage
Repetitive Peak
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Baseplate: Nickel plated
9000 pF
8.0 mA
75 mA
2 Amps
6000 Amps
300 Amps
600 Amps
Thermal and Mechanical Characteristics
Schottky PowerMod
*Add Suffix A for Common Anode, D for Doubler
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Maximum repetitive reverse current per leg
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
STG
OCS
OJC
R
R
TJ
T
CJ
F(AV)
FSM
R(OV)
V
I
I
RM
RM
FM
V
I
I
FM
F(AV)
I
I
Catalog Number
H
Q
100V
90V
80V
Working Peak
Reverse Voltage
CPT600100*
CPT60090*
CPT60080*
Microsemi
U
N
W
F
V
Notes:
E
100V
90V
80V
U
C
B
G
R
A
C = 132°C, Square wave,
0JC = 0.10°C/W
C = 132°C, Square wave,
0JC = 0.20°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (78 grams) typical
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 300A: J = 25°C
FM = 300A: J = 175°C
RRM, J = 125°C*
R = 5.0V, C = 25°C
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-50 inch pounds
0.08°C/W
0.20°C/W
V
T
RRM, J = 25°C
V
V
I
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
Notes
1/4-20
.680
0.800
0.130
0.510
---
0.290
---
0.340
0.195
3.150 BSC
---
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.050
0.490
G
H
F
---
0.700
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
1.25
7.37
---
8.64
4.95
---
17.28
20.32
3.30
12.95
---
Dim. Inches
3.630
Max.
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
R
Junction to case
0.10°C/W
Part Number
MBR60080CT
MBR600100CT
Industry
Reverse energy tested
600 Amperes/ 80 to 100 Volts
Guard ring protection
175°C junction temperature
Schottky Barrier Rectifier
January, 2010 - Rev. 5
www.microsemi.com


Similar Part No. - CPT60080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT60080 MICROSEMI-CPT60080 Datasheet
155Kb / 2P
SCHOTTKY POWERMOD
More results

Similar Description - CPT60080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com