Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1682CDM Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1682CDM
Description  Voltage-Mode PWM Controllers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1682CDM Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1682CDM Datasheet HTML 1Page - Microsemi Corporation LX1682CDM Datasheet HTML 2Page - Microsemi Corporation LX1682CDM Datasheet HTML 3Page - Microsemi Corporation LX1682CDM Datasheet HTML 4Page - Microsemi Corporation LX1682CDM Datasheet HTML 5Page - Microsemi Corporation LX1682CDM Datasheet HTML 6Page - Microsemi Corporation LX1682CDM Datasheet HTML 7Page - Microsemi Corporation LX1682CDM Datasheet HTML 8Page - Microsemi Corporation LX1682CDM Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.1b,2005-03-09
LX1681/1682
Voltage-Mode PWM Controllers
PRODUCTION DATA SHEET
TM
®
DESCRI PTI O N
The LX1681/1682 are monolithic,
pulse-width modulator controller ICs.
They are designed to implement a
flexible, low cost buck (step-down)
regulator supply with minimal external
components.
The LX1681 is a non-synchronous
controller;
the
LX1682
has
a
synchronous driver for higher efficiency.
The output voltage is adjustable by
means of a resistor divider to set the
voltage between 1.25V and 4.5V.
Short-circuit current limiting can be
implemented without expensive current
sense resistors. Current is sensed using
the voltage drop across the RDS(ON) of the
MOSFET — sensing is delayed for 1µs
to eliminate MOSFET ringing errors.
Hiccup-mode fault protection reduces
average power to the power elements
during short-circuit conditions.
Switching frequency is fixed at
200kHz for optimal cost and space.
Under-voltage lockout and soft-start
for optimal start-up performance. Pulling
the soft-start pin to ground can disable
the LX1681/82.
Small 8-pin SOIC packaging reduces
board space. Optimized for 5V-to-3.3V
or
5V-to-2.5V
conversion,
the
LX1681/82 can also be used for
converting 12V to 5V, 3.3V or other
voltages
with
high
efficiency,
eliminating the need for bulky heat sinks.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Fixed 200kHz Switching Frequency
Constant Frequency Voltage-Mode
Control Requires NO External
Compensation
Hiccup-Mode Over-Current
Protection
High Efficiency
Output Voltage Set By Resistor
Divider
Under-Voltage Lockout
Soft-Start And Enable
Synchronous Rectification
(LX1682)
Non-Synchronous Rectification
(LX1681)
Small, 8-pin Surface Mount
Package
APPLI CATI ONS
5V to 3.3V Or Less Buck
Regulators
FPGA Supplies
Microprocessor Chipset Supplies
(e.g. Camino, Whitney, etc.)
Rambus
© RIMM™ Supplies
Hard Disk Drives
Computer Add-on Cards
PRODUCT H I GHLIGHT
LX1681
0.1µF
Q
1
D
2
L
1
C
2
R
1
R
2
R
SET
C
1
C
3
V
FB
C
SS
N.C.
GND
TDRV
V
C1
CS
V
C2
V
BO O ST
12V
V
IN
5V
V
OU T
SS
LX1681 Non-Synchronous Controller
5µH
1500µF
x3
IRL3103S
MBR 2545
1500µF
x3
1µF
LX1682
0.1µF
Q
1
L
1
C
2
R
1
R
2
R
SET
C
1
V
FB
C
SS
BDR V
GND
TD RV
V
C1
CS
V
C2
V
IN
5V
V
OU T
SS
Q
2
C
3
V
BO O ST
12V
LX1682 Synchronous C ontroller
1500µF
x3
5µH
IR L3103S
IRL3103S
1500µF
x3
1µF
PACKAGE ORDER I N FO
DM
Plastic SOIC
8-PIN
TA (
°C)
OUTPUT
RoHS Compliant / Pb-free
Transition D/C: 0440
0 to 70
Non-Synchronous
LX1681CDM
Synchronous
LX1682CDM
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX1681CDM-TR)


Similar Part No. - LX1682CDM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1682CDM MICROSEMI-LX1682CDM Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
More results

Similar Description - LX1682CDM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Microsemi Corporation
LX1681 MICROSEMI-LX1681 Datasheet
125Kb / 9P
VOLTAGE - MODE PWM CONTROLLERS
logo
Texas Instruments
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_06 Datasheet
187Kb / 16P
Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
October, 2006 ??Rev. 5
logo
Texas Instruments
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
CURRENT-MODE PWM CONTROLLERS
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A_11 Datasheet
159Kb / 16P
Fixed Frequency, PWM Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com