Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1882-33CDM Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1882-33CDM
Description  Charge Pump Doubler with Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-33CDM Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX1882-33CDM Datasheet HTML 3Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 4Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 5Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 6Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 7Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 8Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 9Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 10Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Copyright
© 2000
Rev. 1.0e, 2005-03-03
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
APPLICATION IN FORMATION (CONTINUED )
POWER-ON RESET
The LX1882 contains power-on reset circuitry that insures all
internal functions are correctly initialized upon power-up. Once
the input voltage reaches approximately 1V, the power-on reset
circuit enables the device as long as the SHDN pin is held high.
SHUTDOWN
The SHDN pin allows the LX1882 to be enabled or disabled.
A logic zero (0.4V) on the SHDN pin places the LX1882 in
shutdown mode, reducing the supply current to < 5uA and
connecting VOUT to ground through a 100Ω switch. In addition,
CPO will be high impedance and disconnected from VIN. If the
shutdown feature is not required, connect SHDN to VIN to
continuously enable the part.
Current Limit Protection
The LX1882 includes over current protection. When the output
load current exceeds typically 60mA, the circuit forces the
regulator output to decrease.
Temperature Protection
The thermal protection shuts the LX1882 down when the
junction temperature exceeds 1400C. Exposure to absolute
maximum rated conditions for extended periods may affect
device reliability (see Thermal Considerations below).
THERMAL CONSIDERATIONS
Thermal shutdown protects the circuit from thermal overload
caused from a rise in junction temperature during power
dissipation. This means of protection is intended for fault
protection only and not as a means from current or power
limiting during normal application usage. Proper thermal
evaluation should be done to ensure that the junction temperature
does not exceed its maximum rating (125°C). Due to variation in
individual device electrical characteristics and thermal resistance,
the built in thermal overload protection may be activated at
power levels slightly above or below the rated dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com