Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1977 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1977
Description  SMBus Ambient Light Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1977 Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1977 Datasheet HTML 1Page - Microsemi Corporation LX1977 Datasheet HTML 2Page - Microsemi Corporation LX1977 Datasheet HTML 3Page - Microsemi Corporation LX1977 Datasheet HTML 4Page - Microsemi Corporation LX1977 Datasheet HTML 5Page - Microsemi Corporation LX1977 Datasheet HTML 6Page - Microsemi Corporation LX1977 Datasheet HTML 7Page - Microsemi Corporation LX1977 Datasheet HTML 8Page - Microsemi Corporation LX1977 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LX1977
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
SMBus Ambient Light Sensor
TM
®
Copyright
© 2010
Rev. 1.0, 2010-03-25
ELECTRI CAL CHARACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A
70°C and the
following test conditions: 3.0V ≤VDD ≤ 4.5V
Parameter
Symbol
Test Conditions / Comment
Min
Typ
Max
Units
EV = 0 lux, TA = 70°C, RANGE_SEL=00b,
TINT=100mS, Note 7
18
SMBUS INTERFACE
Clock Frequency
FCLK
10
400
kHz
High Level Input Voltage
0.8
V
Low Level Input Voltage
VSDA
VSCL
2.1
V
Input Leakage Current
ISDA/ISCL
-5
5
µA
SDA Low Output Voltage
VSDA
ISDA = 3mA
0.4
V
SDA Current Sinking Capacity
ISDA
3
mA
INT Low Output Voltage
VINT
IINT = 3mA
0.4
V
INT Leakage Current
ILEAK
-10
10
µA
ADR High Level Input Voltage
80%
VDD
ADR Open
40%
60%
VDD
ADR Low Level Input Voltage
VADR
20%
VDD
ADR Input Leakage Current
IADR
-10
10
µA
Notes:
1. In production, the input irradiance is supplied from a point source which is a white LED.
2. See Figure 3
3.
)
(E
D
)
(E
D
)
E
(E
D
Δ
V(WHITE)
COUNT
V(WHITE)
COUNT
V(IR)
V(WHITE)
COUNT
IR
+
=
4. Guarantee by scan tests.
5. Specifications in the EC table are for 3.0V ~ 4.5V. Device is operational down to 2.5V and up to 5.0V with relaxed specifications.
6. Gain1 = (DCOUNT2-DCOUNT1) / (Lux2-Lux1), Gain2 = (DCOUNT3-DCOUNT2) / (Lux3-Lux2), DNL1 = (Gain1 * 2 / (Gain1+Gain2) -1) %, DNL2 = (Gain2 *
2 / (Gain1+Gain2) – 1) %. Lux1 = 100 lux, Lux2 = 200 lux, Lux3 = 500 lux.
7. For the setting RANGE_SEL=00b and TINT=100mS, the full scale output is typical 3723 decimal. A dark ADC output count of maximum 18 at
TA = 70°C is only 0.5% of 3723.
TES T CIR C UITS
VDD
To Test
Computer
White
LED
810nm
Part
LX1977
SDA
VSS
VDD
SCL
INT
ADR
RSET
Figure 3 –
ALS Output Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com