Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX8221 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8221
Description  Dual 150mA CMOS Low Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8221 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8221 Datasheet HTML 1Page - Microsemi Corporation LX8221 Datasheet HTML 2Page - Microsemi Corporation LX8221 Datasheet HTML 3Page - Microsemi Corporation LX8221 Datasheet HTML 4Page - Microsemi Corporation LX8221 Datasheet HTML 5Page - Microsemi Corporation LX8221 Datasheet HTML 6Page - Microsemi Corporation LX8221 Datasheet HTML 7Page - Microsemi Corporation LX8221 Datasheet HTML 8Page - Microsemi Corporation LX8221 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1a, 2006-01-19
LX8221
Dual 150mA CMOS Low Dropout Regulator
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN1, VIN2).......................................................................... -0.3V to +7V
Output Current (IOUT1, IOUT2)................................................................................. 150mA
Operating Temperature Range .....................................................................-40 to +125
°C
Maximum Junction Temperature (TJ) ...................................................................... 150 °C
Storage Temperature (TJ) .............................................................................-65 to +150 °C
Peak Package Solder Reflow Temp. (40 second max. exposure)................. 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
PACKAGE PIN OUT
1
2
4
3
7
8
10
9
56
VIN1
EN1
GND
ADJ
VOUT2
VOUT1
CB1
NC
EN2
VIN2
DU PACKAGE
(Top View)
“NC” = No Internal Connection
RoHS / Pb-free 100% Matte Tin Lead Finish
TH ERMAL DATA
DU
Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
206
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
FRONT MARKING
8221
xIDU
LX
x = Voltage Combination
i.e. A = Adj/Adj
FUNCTIONAL PIN DESCRIPTION
PIN NAME
DESCRIPTION
VIN1/VIN2
Unregulated input supply voltage
GND
Ground Pin
EN1/EN2
Enable control input: Logic high = Enable; logic low or open = Shutdown
CB1
Reference bypass input. Adding an additional external capacitor reduces output noise.
VOUT1/VOUT2
Regulated output voltage. Regulator stability is achieved with external capacitor of 1µF
ADJ (1, 2)
Adjust pin. Connect a resistor divider to this pin to establish preferred output voltage.
B L O C K DI A G RAM
VOUT1
CB1
GND
+
-
CONTROL
LOGIC
THERMAL
SENSOR
CURRENT
LIMIT
VREF
VIN1
EN1
+
-
CONTROL
LOGIC
THERMAL
SENSOR
CURRENT
LIMIT
VREF
VIN2
EN2
ADJ
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com