Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UFT40010 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UFT40010
Description  Ultra Fast Recovery Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT40010 Datasheet(HTML) 1 Page - Microsemi Corporation

  UFT40010 Datasheet HTML 1Page - Microsemi Corporation UFT40010 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Thermal and Mechanical Characteristics
400 Amps
200 Amps
2600 Amps
0.975 Volts
8 mA
50 uA
1400 pF
copper
Baseplate: Nickel plated
D=Doubler
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
UFT40010 - UFT40020
Ultra Fast Recovery Module
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Electrical Characteristics
Repetitive Peak
Reverse Voltage
*Add Suffix A for Common Anode, D for Doubler
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
Terminal Torque
Mounting Base Torque (outside holes)
Weight
center hole must be torqued first
Mounting Base Torque (center hole)
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per leg
Average forward current per pkg
OJC
OCS
STG
R
R
TJ
T
CJ
F(AV)
FSM
I
I
RM
RM
V
I
FM
F(AV)
I
I
Catalog Number
H
Q
100V
Reverse Voltage
Working Peak
UFT40010*
Microsemi
U
N
W
F
V
Notes:
E
U
C
B
G
R
A
C = 135°C, Square wave,
0JC = 0.24°C/W
C = 135°C, Square wave,
0JC = 0.12°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (75 grams) typical
35-50 inch pounds
-55°C to 175°C
-55°C to 175°C
Junction to case
Case to sink
R = 10V, J = 25°C
RRM, J = 125°C*
FM = 200A: J = 25°C*
8.3ms, half sine, J = 175°C
0.24°C/W
0.08°C/W
V
T
RRM, J = 25°C
V
V
I
T
T
T
T
T
T
R
R
1/4-20
Notes
Dia.
Dia.
0.340
---
3.150 BSC
0.195
---
0.290
---
0.510
0.130
0.630
0.800
175°C Junction Temperature
2 X 200 Amp current rating
Ultra Fast Recovery
N
0.600
U
0.180
0.312
W
V
---
0.275
Q
R
1.375 BSC
0.010
0.490
G
H
F
0.120
---
0.700
C
E
B
80.01 BSC
34.92 BSC
---
4.57
7.92
15.24
6.99
0.25
12.45
3.05
---
17.78
8.64
---
4.95
---
7.37
---
12.95
3.30
16.00
20.32
Max.
3.630
Dim. Inches
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
OJC
R
Junction to case
0.12°C/W
200V
UFT40020*
150V
UFT40015*
F = 1A, R = 30V di/dt = 50A/µS
I
V
100 nS
Max peak reverse recovery time per leg
trr
200V
150V
100V
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - UFT40010

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFT40010 MICROSEMI-UFT40010 Datasheet
157Kb / 2P
ULTRA FAST RECOVERY MODULE
More results

Similar Description - UFT40010

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFT40010 MICROSEMI-UFT40010 Datasheet
157Kb / 2P
ULTRA FAST RECOVERY MODULE
UFT40260 MICROSEMI-UFT40260 Datasheet
144Kb / 2P
ULTRA FAST RECOVERY MODULE
UFT40130 MICROSEMI-UFT40130_10 Datasheet
121Kb / 2P
Ultra Fast Recovery Module
UFT40260 MICROSEMI-UFT40260_10 Datasheet
122Kb / 2P
Ultra Fast Recovery Module
logo
List of Unclassifed Man...
DBC2F200N4S ETC2-DBC2F200N4S Datasheet
183Kb / 4P
Ultra-Fast Soft Recovery Diode Module
UFT20060CT ETC2-UFT20060CT Datasheet
193Kb / 4P
Ultra-fast Soft Recovery Diode Module
logo
SemiHow Co.,Ltd.
SDM2F60G04FS SEMIHOW-SDM2F60G04FS Datasheet
309Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F75G12FS SEMIHOW-SDM2F75G12FS Datasheet
271Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F100G04FE SEMIHOW-SDM2F100G04FE Datasheet
239Kb / 4P
Ultra-Fast Soft Recovery Diode Module
SDM2F125G12FS SEMIHOW-SDM2F125G12FS Datasheet
271Kb / 4P
Ultra-Fast Soft Recovery Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com