Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS15R06VL4_B2 Datasheet(PDF) 3 Page - eupec GmbH

Part # FS15R06VL4_B2
Description  IGBT-modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS15R06VL4_B2 Datasheet(HTML) 3 Page - eupec GmbH

  FS15R06VL4_B2 Datasheet HTML 1Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 2Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 3Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 4Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 5Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 6Page - eupec GmbH FS15R06VL4_B2 Datasheet HTML 7Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Technische Information / technical information
FS15R06VL4_B2
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
Modul / module
0
R
N#8 '
O68 ' 4 "
*t-uv
8
*
!"
;
/)
$%& '
()8 4
*+, w
.
*
N
R
0
"
5 k x
R
T
B
"
B
"
"
8
8
""
V
R
T
B
"
B
"
"
8
8
""
*
6
<
"
C
)$0
y
"
" C
N
D
"
VE+,
O
N
<
8
5
R
)
"
8
"
$+ '
()8
#
B
<
++z{,,z
G8
"M
OT
6 D
#
"
" C " " `
"
$%& 3F^
4
()
$ "
" #
"
<
$%& 2|
H
4
()
V
"
"
$E=e
H
4
()
5
\
R "
a
Q
"
"
Q
j
; <
<
;
4
Mit dieser technischen Information werden Halbleiterbauelemente spezifiziert, jedoch keine
Eigenschaften zugesichert. Sie gilt in Verbindung mit den zugehörigen technischen Erläuterungen.
This technical information specifies semiconductor devices but guarantees no characteristics.
It is valid with the appropriate technical explanations.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com