Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSESD03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSESD03
Description  150 mW, 3.3 V Transient Voltage Suppressors for ESD Protection (Uni-directional)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSESD03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSESD03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSESD03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SSESD03
150 mW, 3.3 V
Transient Voltage Suppressors
for ESD Protection (Uni-directional)
01-June-2002 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The SSESD0
3 is designed to protect voltage-sensitive components from ESD. Excellent clamping capability, low
leakage, and fast response time provide best in class protection on designs that are exposed to ESD. Because of its small
size, it is suited for use in cellular phones, MP3 players, digital cameras and many other portable applications where board
space is at a premium.
APPLICATIONS
Cellular phones / audio
Portable devices
Digital cameras
MP3 players
FEATURES
Small Body Outline Dimensions:
0.039” x 0.024”(1.0 mm x 0.60 mm)
Low Body Height: 0.017” (0.43 mm) Max
Stand−off Voltage:
3.3 V
Low Leakage
Current
Response Time is typically < 1 ns
ESD Rating of Class 3 (> 16 kV)
per Human Body Model
IEC61000−4−2 Level 4 ESD Protection
These are Pb−Free Devices
ABSOLUTE RATINGS (Tamb = 25°C )
Rating
Symbol
Value
Units
IEC 61000-4-2 (ESD)
Air contact
Contact discharge
±
15
±
8
kV
kV
ESD voltage
Per human body model
16
kV
Total power dissipation on FR-5 Board (Note 1) @ TA=25℃
PD
150
mW
Junction and storage temperature range
TJ, TSTG
-55 ~ +150
°C
Lead solder temperature – maximum (10 Second duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1. FR-5 = 1.0*0.75*0.62 in.
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA)
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ IT (Note 2)
IT
(mA)
VC (V)
@ Max IPP
(Note 3)
IPP
(A)
(Note 3)
PPK
(W)*
C
(pF)
Device
Max
Max
Min
mA
Max
Max
Max
Typ
SSESD0
3
3.3
2.5
5.0
1.0
1
0.4
9.8
10
2
80
Other voltages available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃
3. Surge current waveform per Figure 3.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOD-923
0.34~0.43
0.95~1.05
0.75~0.85
Dimensions in millimeters
0.55~0.65
0.05~0.15
0.07~0.17
0.15~0.25
The marking band indicates cathode.
Uni-direction


Similar Part No. - SSESD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSESD03C SECOS-SSESD03C Datasheet
251Kb / 2P
Transient Voltage Suppressors for ESD Protection
SSESD03C SECOS-SSESD03C_15 Datasheet
251Kb / 2P
Transient Voltage Suppressors
SSESD03 SECOS-SSESD03_15 Datasheet
321Kb / 2P
Transient Voltage Suppressors
More results

Similar Description - SSESD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C Datasheet
199Kb / 2P
Transient Voltage Suppressors for ESD Protection (Bi-directional)
SSESD05 SECOS-SSESD05 Datasheet
313Kb / 2P
150 mW, 5 V Transient Voltage Suppressors for ESD Protection (Uni-directional)
logo
Infineon Technologies A...
ESD5V0S1U-02V INFINEON-ESD5V0S1U-02V Datasheet
1Mb / 16P
Uni-directional ESD / Transient Protection Diode
Revision 1.1, 2012-05-31
logo
SeCoS Halbleitertechnol...
ESD36-C SECOS-ESD36-C Datasheet
165Kb / 2P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
ESD24R SECOS-ESD24R Datasheet
409Kb / 3P
Transient Voltage Suppressors for ESD Protection (Uni-direction)
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com