Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STESD03 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD03
Description  Plastic Encapsulate ESD Protection Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD03 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STESD03 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD03 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STESD03
Plastic Encapsulate ESD Protection Diodes
Elektronische Bauelemente
14-Apr-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DESCRIPTION
The STESD03 is designed to protect voltage sensitive
components from ESD. Excellent clamping capability, low leakage,
and fast response time provide best in class protection on designs that
are exposed to ESD. Because of its small size, it is suited for use in
cellular phones, MP3 players, digital cameras and many other portable
applications where board space is at a premium.
APPLICATIONS
Stand-off voltage: 3.3V
Low Leakage
Response Ttime is Typically < 1 ns
ESD Rating of Class 3 (>16kV) per Human Body Model
IEC61000-4-2 level 4 ESD protection
These are Pb-Free Devices
DEVICE MARKING: A
MAXIMUM RATINGS (TA = 25°C )
PARAMETER
SYMBOL
VALUE
UNIT
IEC 61000-4-2 (ESD)
Contact
±30
KV
ESD voltage
Per Human Body Model
16
KV
Per Machine Model
400
V
Total power dissipation on FR-5 Board (Note 1)
PD
100
mW
Thermal Resistance Junction−to−Ambient
RθJA
1250
°C / W
Junction and Storage Temperature Range
TJ, TSTG
-55 ~ +150
°C
Lead Solder Temperature – Maximum (10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended. Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. FR-5 = 1.0 x 0.75 x 0.62 in.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted. VF = 0.9V max at IF = 10mA for all types)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Working Peak Reverse Voltage
VRWM
-
-
3.3
V
Maximum Reverse Leakage Current @ VRWM
IR
-
-
2.5
μA
Breakdown Voltage @ IT (Note2)
VBR
5.0
-
5.9
V
Test Current
IT
-
-
1.0
mA
Maximum Reverse Peak Pulse Current (Note3)
IPP
-
-
9.8
A
Clamping Voltage @ IPP (Note3)
VC
-
-
11.4
V
Peak Power Dissipation (8 X 20 μs)
PPK
-
102
-
W
Max. Capacitance @ VR =0 and f =1MHz
C
-
80
-
pF
2.
VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
3.
Surge current waveform per Figure 3.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free


Similar Part No. - STESD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03 SECOS-STESD03_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
More results

Similar Description - STESD03

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD07 SECOS-STESD07 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12 Datasheet
142Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD07 SECOS-STESD07_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12 SECOS-STESD12_15 Datasheet
137Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD12-C SECOS-STESD12-C Datasheet
118Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05C-C SECOS-STESD05C-C Datasheet
100Kb / 2P
Plastic Encapsulate ESD Protection Diodes
STESD05-C SECOS-STESD05-C Datasheet
226Kb / 3P
Plastic Encapsulate ESD Protection Diodes
STESD03-C SECOS-STESD03-C Datasheet
102Kb / 2P
Plastic Encapsulate ESD Protection Diodes
SNESD05C SECOS-SNESD05C_16 Datasheet
184Kb / 3P
Plastic Encapsulate ESD Protection Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com