Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRBC-10F2AL Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBC-10F2AL
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10F2AL Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBC-10F2AL Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 8Page - Bel Fuse Inc. VRBC-10F2AL Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Mar. 19, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
5.8 V
Output Enable Terminal Voltage
-0.3 V
-
5.8 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. VRBC-10F2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an
additional sequencing pin. When the sequencing feature is not used, tie the SEQ pin to Vin or leave
the SEQ pin floating.
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.4 V
-
5.5 V
Vo, set
≤ Vin-0.5 V
Input Current (full load)
Vo=3.3 V
Vo=1.8 V
Vo=0.75 V
-
-
-
7.0 A
4.04 A
1.89 A
8.06 A
6.98 A
4.06 A
Input Current (no load)
-
80 mA
-
Remote Off Input Current
-
15 mA
22 mA
Input Reflected Ripple Current (pk-pk)
-
120 mA
-
Input Reflected Ripple Current (rms)
-
35 mA
-
Tested with two 100uF/10V tantalum input
capacitors (P/N: TPSC107K010R0075
AVX) & simulated source impedance of 1
uH, 5Hz to 20MHz.
I
2t Inrush Current Transient
-
-
0.2 A
2s
Turn-on Voltage Threshold
-
2.2 V
-
Turn-off Voltage Threshold
-
2.0 V
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=5 V, lo=lomax full load
Output Voltage Set Point
-3%Vo,set
-
3%Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Load Regulation
-
0.4%Vo,set
-
Io=Iomin to Iomax
Line Regulation
-
0.3%Vo,set
-
Vin=Vinmin to Vinmax
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5%Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
10 A
Current Limit Threshold
15 A
-
30 A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com