Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2XF32FLXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2XF32FLXCT
Description  High Performance CMOS Oscillator with Frequency Margining ??Pin Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XF32FLXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2XF32FLXCT Datasheet HTML 2Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 3Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 4Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 5Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 6Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 7Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 8Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 9Page - Cypress Semiconductor CY2XF32FLXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY2XF32
Document Number: 001-53147 Rev. *D
Page 7 of 10
Ordering Information
The following table contains only the parts that are currently available. If you do not see what you are looking for, contact your local
sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the product summary page at
http://www.cypress.com/products.
Some product offerings are factory programmed customer specific devices with customized part numbers. The Possible
Configurations table shows the available device types, but not complete part numbers. Contact your local Cypress FAE of Sales
Representative for more information.
Possible Configurations
Ordering Code Definitions
Part Number[6]
Configuration
Package Description
Product Flow
Pb-free
CY2XF32FLXCT
Field Programmable
6-Pin Ceramic LCC SMD – Tape and Reel
Commercial, 0° to 70°C
CY2XF32FLXIT
Field Programmable
6-Pin Ceramic LCC SMD – Tape and Reel
Industrial, –40° to 85°C
Part Number[6]
Configuration
Package Description
Product Flow
Pb-free
CY2XF32LXCxxxT
Factory Configured
6-Pin Ceramic LCC SMD – Tape and Reel
Commercial, 0° to 70°C
CY2XF32LXIxxxT
Factory Configured
6-Pin Ceramic LCC SMD – Tape and Reel
Industrial, –40° to 85°C
T = Tape and Reel
Customer Specific Code
Temperature Range: C = Commercial, I = Industrial
Pb-free
Package type
Part identifier
Family
Company ID: CY = Cypress
xx
CY
xxx
T
L X
xxx
X
Note
6. “xxx” is a factory assigned code that identifies the programming option.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com