Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSL0240100 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # KSL0240100
Description  Strap Type KSL Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KSL0240100 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  KSL0240100 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KSL0240100 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KSL0240100 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KSL0240100 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Polymer PTC Resettable Fuse:
:
:
:KSL Series
Strap Type KSL Series
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2006.06
All specifications are subject to change without notice.
(Unit: mm)
A
B
C
D
E
F
Part no.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
KSL0150070
19.9
22.1
0.7
1.2
4.9
5.2
5.5
7.5
5.5
7.5
3.9
4.1
KSL0150070S
19.9
22.1
0.7
1.2
4.9
5.2
5.5
7.5
5.5
7.5
3.9
4.1
KSL0240100
20.9
23.1
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
KSL0240100S
20.9
23.1
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
KSL0240180
24.0
26.0
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
KSL0240180S
24.0
26.0
0.6
1.0
4.9
5.2
4.1
5.5
4.1
5.5
3.9
4.1
KSL0240190
21.3
23.4
0.5
1.1
10.2
11.0
5.0
7.6
5.0
7.6
4.8
5.4
KSL0240260
24.0
26.0
0.6
1.0
10.8
11.9
5.0
7.0
5.0
7.0
5.9
6.1
KSL0240300
28.4
31.8
0.5
1.1
13.0
13.5
6.3
8.9
6.3
8.9
6.0
6.6
KSL0240310
24.0
26.0
0.6
1.0
14.8
15.9
5.0
7.0
5.0
7.0
5.9
6.1
KSL0240340
24.0
26.0
0.6
1.0
14.8
15.9
4.0
5.0
4.0
5.0
5.9
6.1
Characteristics(23℃
℃
℃
℃)
Vmax.
Imax.
Ihold
@ 23℃
Itrip
@ 23℃
Pd
(Max.)
Maximum
time to trip
Resistance ( )
Safety
approvals
Initial (Ri)
Post trip (R1)
Part no.
(Vdc)
(A)
(A)
(A)
(W)
(A)
(Sec.)
Min.
Max.
Max.
UL/cUL
TUV
KSL0150070
15
100
0.7
1.5
1.1
3.5
5.0
0.100
0.200
0.340
√
√
KSL0150070S
15
100
0.7
1.5
1.1
3.5
5.0
0.100
0.200
0.340
√
√
KSL0240100
24
100
1.0
2.5
1.5
5.0
7.0
0.070
0.130
0.260
√
√
KSL0240100S
24
100
1.0
2.5
1.5
5.0
7.0
0.070
0.130
0.260
√
√
KSL0240180
24
100
1.8
3.8
2.0
9.0
2.9
0.040
0.068
0.120
√
√
KSL0240180S
24
100
1.8
3.8
2.0
9.0
2.9
0.040
0.068
0.120
√
√
KSL0240190
24
100
1.9
4.2
1.9
10.0
3.0
0.030
0.057
0.100
√
√
KSL0240260
24
100
2.6
5.2
2.3
13.0
5.0
0.025
0.042
0.076
√
√
KSL0240300
24
100
3.0
6.3
2.0
15.0
4.0
0.015
0.031
0.055
√
√
KSL0240310
24
100
3.1
6.0
2.5
15.5
5.0
0.018
0.030
0.055
√
√
KSL0240340
24
100
3.4
6.8
2.7
17.0
5.0
0.016
0.027
0.050
√
√
Note 1: S= Slitted lead on single side
Note2 : UL&cUL File No. E138827
TUV File No. R50066599



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com