Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DALC112S1 Datasheet(PDF) 2 Page - Protek Devices

Part # DALC112S1
Description  ultra low capacitance steering diode array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DALC112S1 Datasheet(HTML) 2 Page - Protek Devices

  DALC112S1 Datasheet HTML 1Page - Protek Devices DALC112S1 Datasheet HTML 2Page - Protek Devices DALC112S1 Datasheet HTML 3Page - Protek Devices DALC112S1 Datasheet HTML 4Page - Protek Devices DALC112S1 Datasheet HTML 5Page - Protek Devices DALC112S1 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05177.R4 9/10
Page 2
DALC112S1
tyPiCAL DeviCe ChARACteRiStiCS
MAXiMuM RAtingS @ 25°C unless otherwise Specified
PARAMeteR
SyMBoL
vALue
unitS
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
145
mW
eLeCtRiCAL ChARACteRiStiCS PeR Line @ 25°C unless otherwise Specified
PARt
nuMBeR
DeviCe
MARking
RePetitive
PeAk
ReveRSe
voLtAge
v
RRM
voLtS
tyPiCAL
FoRwARD
voLtAge
@ 50mA
v
F
voLtS
MAXiMuM
PeAk PuLSe
FoRwARD
CuRRent
@ 8/20µs
i
FM
AMPS
MAXiMuM
ReveRSe
LeAkAge
CuRRent
v
RRM @ 18v
i
R
nA
MAXiMuM
quieSCent
SuPPLy
CuRRent
@ 20v
i
Rq
nA
tyPiCAL
CAPACitAnCe
0v, 1Mhz
C
j
pF
DALC112S1
PSC
20
1.3
12
20
200
5
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 1
PuLSe wAve FoRM
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com