Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA48P Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATMEGA48P
Description  8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48P Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATMEGA48P_10 Datasheet HTML 81Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 82Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 83Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 84Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 85Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 86Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 87Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 88Page - ATMEL Corporation ATMEGA48P_10 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 420 page
background image
85
8025L–AVR–7/10
ATmega48P/88P/168P
• ADC1/PCINT9 – Port C, Bit 1
PC1 can also be used as ADC input Channel 1. Note that ADC input channel 1 uses analog
power.
PCINT9: Pin Change Interrupt source 9. The PC1 pin can serve as an external interrupt source.
• ADC0/PCINT8 – Port C, Bit 0
PC0 can also be used as ADC input Channel 0. Note that ADC input channel 0 uses analog
power.
PCINT8: Pin Change Interrupt source 8. The PC0 pin can serve as an external interrupt source.
Table 13-7 and Table 13-8 relate the alternate functions of Port C to the overriding signals
shown in Figure 13-5 on page 78.
Note:
1. When enabled, the 2-wire Serial Interface enables slew-rate controls on the output pins PC4
and PC5. This is not shown in the figure. In addition, spike filters are connected between the
AIO outputs shown in the port figure and the digital logic of the TWI module.
Table 13-7.
Overriding Signals for Alternate Functions in PC6..PC4
(1)
Signal
Name
PC6/RESET/PCINT14
PC5/SCL/ADC5/PCINT13
PC4/SDA/ADC4/PCINT12
PUOE
RSTDISBL
TWEN
TWEN
PUOV
1
PORTC5 • PUD
PORTC4 • PUD
DDOE
RSTDISBL
TWEN
TWEN
DDOV
0
SCL_OUT
SDA_OUT
PVOE
0
TWEN
TWEN
PVOV
0
0
0
DIEOE
RSTDISBL + PCINT14 •
PCIE1
PCINT13 • PCIE1 + ADC5D
PCINT12 • PCIE1 + ADC4D
DIEOV
RSTDISBL
PCINT13 • PCIE1
PCINT12 • PCIE1
DI
PCINT14 INPUT
PCINT13 INPUT
PCINT12 INPUT
AIO
RESET INPUT
ADC5 INPUT / SCL INPUT
ADC4 INPUT / SDA INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com