Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 16Page - Microchip Technology PIC24F04KA201 Datasheet HTML 17Page - Microchip Technology PIC24F04KA201 Datasheet HTML 18Page - Microchip Technology PIC24F04KA201 Datasheet HTML 19Page - Microchip Technology PIC24F04KA201 Datasheet HTML 20Page - Microchip Technology PIC24F04KA201 Datasheet HTML 21Page - Microchip Technology PIC24F04KA201 Datasheet HTML 22Page - Microchip Technology PIC24F04KA201 Datasheet HTML 23Page - Microchip Technology PIC24F04KA201 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
PIC24FXXKA2XX
DS39991A-page 20
 2010 Microchip Technology Inc.
3.10
Verifying Code Memory and
Configuration Registers
To verify the code memory, read the code memory
space and compare it with the copy held in the
programmer’s buffer. Figure 3-9 illustrates the verify
process flowchart. Memory reads occur 1 byte at a
time, hence 2 bytes must be read to compare with the
word in the programmer’s buffer. Refer to Section 3.8
“Reading Code Memory” for implementation details
of reading code memory. On the same lines, the data
EEPROM and Configuration registers can be verified.
FIGURE 3-9:
VERIFY CODE MEMORY
FLOW
3.11
Exiting ICSP Mode
Exit the Program/Verify mode by removing VIH from
MCLR/VPP as illustrated in Figure 3-10. The only
requirement to exit is that an interval of P16 should
elapse between the last clock and the program signals
on PGCx and PGDx before removing VIH.
FIGURE 3-10:
EXITING ICSP™ MODE
Note:
Code
memory
should
be
verified
immediately after writing if code protection
is enabled. Since Configuration registers
include the device code protection bit, the
device will not be readable or verifiable if a
device Reset occurs after the code-protect
bits are set (value = 0).
Read Low Byte
Read High Byte
Does
Word = Expect
Data?
All
code memory
verified?
No
Yes
No
Set TBLPTR = 0
Start
Yes
End
with Post-Increment
with Post-Increment
Failure
Report Error
MCLR/VPP
P16
PGDx
PGD = Input
PGCx
VDD
VIH/VIHH
VIH
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com