Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F08KA101 Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC24F08KA101
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KA101 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC24F08KA101 Datasheet HTML 34Page - Microchip Technology PIC24F08KA101 Datasheet HTML 35Page - Microchip Technology PIC24F08KA101 Datasheet HTML 36Page - Microchip Technology PIC24F08KA101 Datasheet HTML 37Page - Microchip Technology PIC24F08KA101 Datasheet HTML 38Page - Microchip Technology PIC24F08KA101 Datasheet HTML 39Page - Microchip Technology PIC24F08KA101 Datasheet HTML 40Page - Microchip Technology PIC24F08KA101 Datasheet HTML 41Page - Microchip Technology PIC24F08KA101 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 38
Advance Information
© 2008 Microchip Technology Inc.
5.2.13
QVER
COMMAND
The QVER command queries the version of the
programming executive software stored in the test
memory. The “version.revision” information is returned
in the response‘s QE_Code using a single byte in the
following format:
Main version in upper nibble and revision in the lower
nibble
(i.e.,
23h
stands
for
version 2.3 of
the
programming executive software).
Expected Response (2 words):
1BMNh (“MN” stands for version M.N)
0002h
5.3
Programming Executive
Responses
The programming executive sends a response to the
programmer for each command that it receives. The
response indicates if the command was processed
correctly. It includes any required response data or
error data.
The programming executive response set is provided in
Table 5-2. This table contains the opcode, mnemonic
and description for each response. The response format
is described in Section 5.3.1 “Response Format”.
TABLE 5-2:
PROGRAMMING EXECUTIVE
RESPONSE OPCODES
5.3.1
RESPONSE FORMAT
All programming executive responses have a general
format consisting of a two-word header and any
required data for the command.
5.3.1.1
Opcode Field
The opcode is a 4-bit field in the first word of the
response. The opcode indicates how the command
was processed (see Table 5-2). If the command was
processed successfully, the response opcode is PASS;
if there was an error in processing the command, the
response opcode is FAIL and the QE_Code indicates
the reason for the failure. If the command sent to
the programming executive is not identified, the
programming executive returns a NACK response.
5.3.1.2
Last_Cmd Field
The Last_Cmd is a 4-bit field in the first word of
the response and it indicates the command that the
programming executive processed. As the program-
ming executive can process only one command at a
time, this field is technically not required. However, it
can be used to verify if the programming executive
correctly received the command that the programmer
transmitted.
15
12 11
0
Opcode
Length
Field
Description
Opcode
Bh
Length
1h
Opcode
Mnemonic
Description
1h
PASS
Command successfully
processed.
2h
FAIL
Command unsuccessfully
processed.
3h
NACK
Command not known.
Field
Description
Opcode
Response opcode.
Last_Cmd
Programmer command that
generated the response.
QE_Code
Query code or error code.
Length
Response length in 16-bit words
(includes 2 header words).
D_1
First 16-bit data word (if applicable).
D_N
Last 16-bit data word (if applicable).
15
12 11
8 7
0
Opcode
Last_Cmd
QE_Code
Length
D_1 (if applicable)
...
D_N (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com