Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F16KA101 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24F16KA101
Description  Flash Programming Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24F16KA101 Datasheet HTML 1Page - Microchip Technology PIC24F16KA101 Datasheet HTML 2Page - Microchip Technology PIC24F16KA101 Datasheet HTML 3Page - Microchip Technology PIC24F16KA101 Datasheet HTML 4Page - Microchip Technology PIC24F16KA101 Datasheet HTML 5Page - Microchip Technology PIC24F16KA101 Datasheet HTML 6Page - Microchip Technology PIC24F16KA101 Datasheet HTML 7Page - Microchip Technology PIC24F16KA101 Datasheet HTML 8Page - Microchip Technology PIC24F16KA101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
PIC24FXXKAXXX
DS39919A-page 4
Advance Information
© 2008 Microchip Technology Inc.
FIGURE 2-3:
PROGRAM MEMORY MAP
000000h
Code Memory
(5632 x 24-bit)
800000h
Device ID
FEFFFEh
FF0000h
FFFFFEh
Reserved
Reserved
8007F0h
Programming Executive
7FFE00h
FF0002h
FF0004h
Reserved
(2 x 16-bit)
Note
1:
The address boundaries for user Flash code memory are device dependent (see Table 2-3).
2:
PIC24F04KA2XX devices have no data EEPROM.
User Flash
8007EEh
Data EEPROM(2)
Configuration Registers
F80010h
F80000h
Diagnostic Words
800800h
8007FEh
Code Memory
AFEh/15FEh/2BFEh(1)
(1016 x 24-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com