Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52C16LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZT52C16LP
Description  250 mW Zener Diode 2.4 to 39 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C16LP Datasheet(HTML) 1 Page - Micro Commercial Components

  BZT52C16LP Datasheet HTML 1Page - Micro Commercial Components BZT52C16LP Datasheet HTML 2Page - Micro Commercial Components BZT52C16LP Datasheet HTML 3Page - Micro Commercial Components BZT52C16LP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THRU
BZT52C39LP
250 mW
Zener Diode
2.4 to 39 Volts
Features
Ultra-Small Leadless Surface Mount Package
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Ideally Suited fou Automated Assembly Processes
Absolute Maximum Ratings
Symbol
Rating
Rating
Unit
PD
Power dissipation
250
mW
TJ
Junction Temperature
-65 to +150
TSTG
Storage Temperature Range
-65 to +150
Absolute Maximum Ratings
Symbol
Rating
Rating
Unit
RthJA
Thermal Resistance Junction to
Ambient
500
℃/W
Electrical Characteristics
Symbol
Rating
Rating
Unit
VF
Maximum Forward Voltage
(IF=10mAdc)
0.9
V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.018REF.
0.450REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.016 REF.
0.400 REF.
G
0.011
0.013
0.275
0.325
H
0.000 REF.
0.010 REF.
L
0.011
0.013
0.275
0.325
A
B
D
C
L
H
E
G
F
BZT52C2V4LP
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
2
20
10/10/17
1 of
4
SOD-882


Similar Part No. - BZT52C16LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C16LP DIODES-BZT52C16LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
BZT52C16LP DIODES-BZT52C16LP Datasheet
87Kb / 5P
Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
Rev 18
logo
Micro Commercial Compon...
BZT52C16LP MCC-BZT52C16LP Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C16LP-7 DIODES-BZT52C16LP-7 Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
BZT52C16LPQ DIODES-BZT52C16LPQ Datasheet
428Kb / 5P
LPQ - BZT52C16LPQ SURFACE MOUNT ZENER DIODE
July 2022 Rev. 4 - 2
More results

Similar Description - BZT52C16LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
410 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com