Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KTC2875 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC2875
Description  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC2875 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC2875 Datasheet HTML 1Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 2Page - KEC(Korea Electronics) KTC2875 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2009. 3. 12
2/3
KTC2875
Revision No : 3
0
0
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
10
5
500
-3
-1
-0.3
-0.1
EMITTER CURRENT I
(mA)
E
f
- I
COLLECTOR CURRENT I
(mA)
0.3
1
3
10
C
50
h
- I
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
CE
I
- V
(REVERSE REGION)
CCE
1
COLLECTOR CURRENT I
(mA)
0.1
0.3
1
3
C
10
500
V
- I
2468
10
10
20
30
40
50
COMMON
EMITTER
Ta=25 C
I =20
µA
B
160
140
120
100
80
60
40
0
-2
-4
-6
-8
-10
-2
-4
-6
-8
-10
COMMON
EMITTER
Ta=25 C
50
40
30
20
I =10
µA
0
B
FE
C
30
100
100
300
500
1k
3k
5k
COMMON EMITTER
Ta=100 C
V
=6V
CE
V
=2V
CE
Ta=25 C
Ta=-25 C
CE(sat)
C
10
30
100
300
3
5
30
50
100
300
COMMON EMITTER
I /I =10
C B
0.4
0.8
1.2
1.6
100
200
300
COMMON EMITTER
V
=2V
CE
Ta=25 C
Ta=-25 C
TE
-10
-30
-100
30
50
100
300
COMMON EMITTER
V
=6V
Ta=25 C
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com