Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3518 Datasheet(PDF) 4 Page - EPCOS

Part # B3518
Description  SAW Diplexer Automotive telematics
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3518 Datasheet(HTML) 4 Page - EPCOS

  B3518 Datasheet HTML 1Page - EPCOS B3518 Datasheet HTML 2Page - EPCOS B3518 Datasheet HTML 3Page - EPCOS B3518 Datasheet HTML 4Page - EPCOS B3518 Datasheet HTML 5Page - EPCOS B3518 Datasheet HTML 6Page - EPCOS B3518 Datasheet HTML 7Page - EPCOS B3518 Datasheet HTML 8Page - EPCOS B3518 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
April 07, 2011
B3518
1575.00 / 1602.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Diplexer
Data sheet
Characteristics Filter 2 (GLONASS)
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50Ω
B3518
min.
typ.
max.
Center frequency
fC
1602.00
MHz
Maximum insertion attenuation
α
max
1597.00 ... 1607.00 MHz
3.6
4.5
dB
Amplitude ripple
1597.00 ... 1607.00 MHz
1.0
1.8
dB
VSWR
Input
1597.00 ... 1607.00 MHz
2.15
2.45
Output
1597.00 ... 1607.00 MHz
1.8
2.3
Group delay ripple1) (p-p)
1) Averaged over 500 kHz
1597.0
... 1607.0
MHz
5
25
ns
Attenuation
α
abs
10.00 ... 1000.00 MHz
50
55
dB
1000.00 ... 1500.00 MHz
29
34
dB
1570.00 ... 1580.00 MHz
12
22
dB
1625.00 ... 1640.00 MHz
6
17
dB
1640.00 ... 1660.00 MHz
27
37
dB
1680.00 ... 2000.00 MHz
35
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com