Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B4306 Datasheet(PDF) 3 Page - EPCOS

Part # B4306
Description  SAW Rx filter Automotive telematics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4306 Datasheet(HTML) 3 Page - EPCOS

  B4306 Datasheet HTML 1Page - EPCOS B4306 Datasheet HTML 2Page - EPCOS B4306 Datasheet HTML 3Page - EPCOS B4306 Datasheet HTML 4Page - EPCOS B4306 Datasheet HTML 5Page - EPCOS B4306 Datasheet HTML 6Page - EPCOS B4306 Datasheet HTML 7Page - EPCOS B4306 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
March 23, 2011
B4306
1842.50 MHz
SAW Components
SAW Rx filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–20 to +75 ˚C
Terminating source impedance:
ZS =50Ω
Terminating load impedance:
ZL = 150 Ω || 18 nH (balanced)
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1842.5
—
MHz
Maximum insertion attenuation
α
max
1805.0 ... 1880.0
MHz
—
1.8
2.4
dB
Amplitude ripple (p-p)
∆α
1805.0 ... 1880.0
MHz
—
0.7
1.5
dB
VSWR
Input
1805.0 ... 1880.0
MHz
—
1.9
2.3
Output
1805.0 ... 1880.0
MHz
—
1.9
2.3
CMRR (|S21-S31| / |S21+S31|)
1805.0 ... 1880.0
MHz
191)
1) A CMRR of 19.6 dB corresponds to a phase imbalance of +10
˚ together with an amplitude im-
balance of +1.0 dB
.
24
—
dB
Attenuation
α
0.0 ...
902.0
MHz
45
50
—
dB
902.0 ...
940.0
MHz
45
51
—
dB
940.0 ... 1440.0
MHz
35
41
—
dB
1440.0 ... 1705.0
MHz
28
36
—
dB
1705.0 ... 1785.0
MHz
12
18
—
dB
1920.0 ... 1980.0
MHz
18
23
—
dB
1980.0 ... 2030.0
MHz
23
26
—
dB
2030.0 ... 2400.0
MHz
28
31
—
dB
2400.0 ... 2500.0
MHz
30
37
—
dB
2500.0 ... 2775.0
MHz
28
32
—
dB
2775.0 ... 3760.0
MHz
40
47
—
dB
3760.0 ... 6000.0
MHz
35
40
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com