Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B7676 Datasheet(PDF) 2 Page - EPCOS

Part # B7676
Description  SAW Duplexer WCDMA/LTE Band IX
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7676 Datasheet(HTML) 2 Page - EPCOS

  B7676 Datasheet HTML 1Page - EPCOS B7676 Datasheet HTML 2Page - EPCOS B7676 Datasheet HTML 3Page - EPCOS B7676 Datasheet HTML 4Page - EPCOS B7676 Datasheet HTML 5Page - EPCOS B7676 Datasheet HTML 6Page - EPCOS B7676 Datasheet HTML 7Page - EPCOS B7676 Datasheet HTML 8Page - EPCOS B7676 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
August 09, 2010
B7676
1767.4 / 1862.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Preliminary Data
Revision History
Changes compared to previously issued iteration
Issue
Originator
Detailed specification changes
Date
1.0
S.Mochizuka
Initial release
March 18, 2010
1.1
S.Mochizuka
Improved design version:
August 09, 2010
- Reduced Txport VSWR to 2.0 max.
- Increased Tx attenuation values esp. at
WLAN to 35dB and harmonics to 17dB min.
- Slightly worse values for GPS
- Increased Tx band isolation to 53dB min.
- Increased Tx band common mode isolation
to 53dB min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com