Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B7953 Datasheet(PDF) 3 Page - EPCOS

Part # B7953
Description  SAW duplexer WCDMA band VIII
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7953 Datasheet(HTML) 3 Page - EPCOS

  B7953 Datasheet HTML 1Page - EPCOS B7953 Datasheet HTML 2Page - EPCOS B7953 Datasheet HTML 3Page - EPCOS B7953 Datasheet HTML 4Page - EPCOS B7953 Datasheet HTML 5Page - EPCOS B7953 Datasheet HTML 6Page - EPCOS B7953 Datasheet HTML 7Page - EPCOS B7953 Datasheet HTML 8Page - EPCOS B7953 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
September 28, 2009
B7953
897.5 / 942.5 MHz
SAW Components
SAW duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
ANT terminating impedance:
ZANT=50 Ω
TX terminating impedance:
ZTX =50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced)
B7953
Characteristics Tx - Ant
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
897.5
MHz
Maximum insertion attenuation
@fCarrier 882.4 ...
912.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (5).
1.9
2.8
dB
Amplitude ripple (p-p)
@fCarrier 882.4 ...
912.6
MHz
∆α
WCDMA
1)
0.7
1.6
dB
Error Vector Magnitude
@fCarrier 882.4 ...
912.6
MHz
EVM2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
2.2
5.5
%
@fCarrier 882.4 ...
912.6
MHz
EVM2)
2.2
4.03)
3) T=-15
˚C to +55˚C
%
VSWR
TX port
880.0
...
915.0
MHz
1.7
2.0
ANT port
880.0
...
915.0
MHz
1.7
2.0
Attenuation
α
0.3
...
793.0
MHz
30
33
dB
@fCarrier 927.4 ...
957.6
MHz
α
WCDMA
1)
38
44
dB
1574.0
... 1577.0
MHz
38
42
dB
1760.0
... 1830.0
MHz
38
49
dB
1830.0
... 1880.0
MHz
27
52
dB
2110.0
... 2170.0
MHz
27
44
dB
2400.0
... 2500.0
MHz
30
36
dB
2620.0
... 2745.0
MHz
30
35
dB
3520.0
... 3660.0
MHz
20
27
dB
4400.0
... 4575.0
MHz
15
23
dB
5150.0
... 5490.0
MHz
2
10
dB
5725.0
... 5850.0
MHz
2
8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com