Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9432 Datasheet(PDF) 3 Page - EPCOS

Part # B9432
Description  SAW Rx filter GSM850 / WCDMA band V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9432 Datasheet(HTML) 3 Page - EPCOS

  B9432 Datasheet HTML 1Page - EPCOS B9432 Datasheet HTML 2Page - EPCOS B9432 Datasheet HTML 3Page - EPCOS B9432 Datasheet HTML 4Page - EPCOS B9432 Datasheet HTML 5Page - EPCOS B9432 Datasheet HTML 6Page - EPCOS B9432 Datasheet HTML 7Page - EPCOS B9432 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
May 11, 2007
B9432
881.5 MHz
SAW Components
SAW Rx filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 100 Ω
B9432
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
—
1.8
2.5
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
0.7
1.3
dB
Amplitude ripple at 5 MHz BW
∆α
869.0
...
894.0
MHz
—
0.5
0.9
dB
Group delay variation at 5 MHz BW
869.0
...
894.0
MHz
—
18
30
ns
Error Vector Magnitude1) @fCarrier
1) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
871.4
...
891.6
MHz
—
1.8
2.5
%
Input return loss
869.0
...
894.0
MHz
10
14
—
dB
Output return loss
869.0
...
894.0
MHz
10
14
—
dB
Output amplitude balance (|S31/S21|)
869.0
...
894.0
MHz
–0.8
–0.4/0.2
0.8
dB
Output phase balance (
φ(S
31) – φ(S21)+180˚)
869.0
...
894.0
MHz
–8
-5/+5
8
˚
Attenuation
α
DC
...
840.0
MHz
47
51
—
dB
840.0
...
849.0
MHz
40
50
—
dB
914.0
...
950.0
MHz
24
28
—
dB
950.0
... 1150.0
MHz
45
50
—
dB
1150.0
... 1250.0
MHz
40
47
—
dB
1250.0
... 3000.0
MHz
45
50
—
dB
3000.0
... 6000.0
MHz
40
58
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com