Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9449 Datasheet(PDF) 3 Page - EPCOS

Part # B9449
Description  SAW RX filter WCDMA band VIII
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9449 Datasheet(HTML) 3 Page - EPCOS

  B9449 Datasheet HTML 1Page - EPCOS B9449 Datasheet HTML 2Page - EPCOS B9449 Datasheet HTML 3Page - EPCOS B9449 Datasheet HTML 4Page - EPCOS B9449 Datasheet HTML 5Page - EPCOS B9449 Datasheet HTML 6Page - EPCOS B9449 Datasheet HTML 7Page - EPCOS B9449 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Mar 27, 2009
B9449
942.5 MHz
SAW Components
SAW RX filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 ˚C to +85 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 50 Ω (unbalanced)
B9449
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
942.5
MHz
Maximum insertion attenuation
925.0
...
960.0
MHz
α
max
2.5
3.2
dB
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (4).
1.9
2.7
dB
Amplitude ripple (p-p)
925.0
...
960.0
MHz
∆α
1.4
2.1
dB
Error Vector Magnitude2)
2) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
@f
Carrier Bd 8 RX
927.4
...
957.6
MHz
EVM
3.0
5.0
%
Input VSWR
925.0
...
960.0
MHz
1.8
2.1
Output VSWR
925.0
...
960.0
MHz
1.8
2.1
Attenuation
α
DC
...
835.0
MHz
50
61
dB
835.0
...
880.0
MHz
50
57
dB
@f
Carrier Bd 8 TX
882.4
...
912.6
MHz
α
WCDMA
1)
33
37
dB
880.0
...
905.0
MHz
30
45
dB
905.0
...
915.0
MHz
30
34
dB
980.0
... 1060.0
MHz
20
28
dB
1060.0
... 3000.0
MHz
30
38
dB
3000.0
... 6000.0
MHz
20
22
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com