Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B9470 Datasheet(PDF) 4 Page - EPCOS

Part # B9470
Description  SAW Diversity Rx filter WCDMA Band II
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9470 Datasheet(HTML) 4 Page - EPCOS

  B9470 Datasheet HTML 1Page - EPCOS B9470 Datasheet HTML 2Page - EPCOS B9470 Datasheet HTML 3Page - EPCOS B9470 Datasheet HTML 4Page - EPCOS B9470 Datasheet HTML 5Page - EPCOS B9470 Datasheet HTML 6Page - EPCOS B9470 Datasheet HTML 7Page - EPCOS B9470 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
February 14, 2011
B9470
1960.0 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF Filter
Data Sheet
Maximum ratings
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
3
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
Annotation for characteristics section
Attenuation of WCDMA signal (“Powertransferfunction”,
α
WCDMA) is determined by
fCarrier according to 3GPP TS 25.101 (e.g. for UMTS-Passband, fCarrier ranges from 1932.4 MHz
(lowest Rx channel) to 1987.6 MHz (highest Rx channel)). HRRC(f) is the transfer function of the
root-raised cosine transmit pulse shaping filter according to 3GPP TS 25.101 with the following
normalization:
V
machine model, 10 pulses
Input power at
824.0 ...
849.0 MHz
880.0 ...
915.0 MHz
1710.0 ... 1755.0 MHz
1920.0 ... 1980.0 MHz
15
dBm
else where
PIN
10
dBm
S
s
d 21 f
( )H
RRC f
f
Carrier
–
(
)
2
f
d
∞
–
∞
∫
H
RRC f
( )
2
f
1
=
d
∞
–
∞
∫



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com