| Electronic Components Datasheet Search |
|
EVM142AHF Datasheet(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
EVM142AHF Datasheet(HTML) 2 Page - Semtech Corporation |
|
2 / 19 page ![]() 2 2000 Semtech Corp. www.semtech.com EDGE HIGH-PERFORMANCE PRODUCTS Edge142 PIN Description Pin Name Pin # Description Digital IN0, IN0* IN1, IN1* IN2, IN2* IN3, IN3* 41, 42 44, 45 48, 47 51, 50 The multiplexer input signals. (Differential digital inputs.) OUT0, OUT* OUT1, OUT1* 26, 25 14, 15 The selected and delayed output signals. (Differential ECL compatible outputs.) MUX OUT0, 0* MUX OUT1, 1* 23, 22 17, 18 Selected monitor outputs. (Differential ECL compatible levels.) S00, S01 S10, S11 32, 31 8, 9 Single-ended 10KH ECL compatible inputs which select the channel 0 and channel 1 source. MUX0 SEL MUX1 SEL 30 10 Single-ended 10KH ECL compatible inputs which select the two output monitor sources. EN* 29 Single-ended 10KH ECL compatible input which enables the delayed outputs. MUX EN 11 Single-ended 10KH ECL compatible input which enables the monitor outputs. Analog VDELAY0 VDELAY1 39 1 Analog voltage inputs which control the amount of propagation delay for each channel. VFALL0 VFALL1 37 3 Analog voltage inputs which control the amount of falling edge delay for each channel. VMID0 VMID1 38 2 Analog voltage inputs which control the amount of pulse width compensation for each channel. REXT1 36 Analog input current used to establish the bias current for the VDELAY, VFALL, and VMIDinputs. REXT2 4 Analog input current used to establish the bias level for the delay cells. COMP1, COMP2 35 5 Op Amp compensation capacitors. TDP, TDN 21, 19 Positive and negative terminals to the thermal diode string. Power GND 6, 12, 13, 16, 24, 27, 28, 34, 40, 43, 49, 52 Device ground (positive device supply). VEE 7, 20, 33, 46 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |