| Electronic Components Datasheet Search |
|
PCF8591T Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8591T Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 28 page ![]() 2003 Jan 27 9 Philips Semiconductors Product specification 8-bit A/D and D/A converter PCF8591 7.4 A/D conversion The A/D converter makes use of the successive approximation conversion technique. The on-chip D/A converter and a high-gain comparator are used temporarily during an A/D conversion cycle. An A/D conversion cycle is always started after sending a valid read mode address to a PCF8591 device. The A/D conversion cycle is triggered at the trailing edge of the acknowledge clock pulse and is executed while transmitting the result of the previous conversion (see Fig.9). Once a conversion cycle is triggered an input voltage sample of the selected channel is stored on the chip and is converted to the corresponding 8-bit binary code. Samples picked up from differential inputs are converted to an 8-bit twos complement code (see Figs 10 and 11). The conversion result is stored in the ADC data register and awaits transmission. If the auto-increment flag is set the next channel is selected. The first byte transmitted in a read cycle contains the conversion result code of the previous read cycle. After a Power-on reset condition the first byte read is a hexadecimal 80. The protocol of an I2C-bus read cycle is shown in Chapter 8, Figs 16 and 17. The maximum A/D conversion rate is given by the actual speed of the I2C-bus. handbook, full pagewidth S 1 A A A A ADDRESS DATA BYTE 1 DATA BYTE 2 DATA BYTE 0 12 9 81 91 91 PROTOCOL SCL SDA conversion of byte 2 conversion of byte 3 conversion of byte 1 transmission of previously converted byte sampling byte 2 sampling byte 3 sampling byte 1 transmission of byte 1 transmission of byte 2 MBL829 Fig.9 A/D conversion sequence. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |