Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF85103C-2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF85103C-2_04 Datasheet HTML 12Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 13Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 14Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 15Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 16Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 17Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 18Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 19Page - NXP Semiconductors PCF85103C-2_04 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
17 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
14.4 Package related soldering information
[1]
For more detailed information on the BGA packages refer to the
(LF)BGA Application Note
(AN01026); order a copy from your Philips Semiconductors sales office.
[2]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal
or external package cracks may occur due to vaporization of the moisture in them (the so called
popcorn effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated
Circuit Packages; Section: Packing Methods.
[3]
For SDIP packages, the longitudinal axis must be parallel to the transport direction of the
printed-circuit board.
[4]
Hot bar soldering or manual soldering is suitable for PMFP packages.
[5]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must
on no account be processed through more than one soldering cycle or subjected to infrared reflow
soldering with peak temperature exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow
oven. The package body peak temperature must be kept as low as possible.
[6]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom
side, the solder cannot penetrate between the printed-circuit board and the heatsink. On versions with
the heatsink on the top side, the solder might be deposited on the heatsink surface.
[7]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave
direction. The package footprint must incorporate solder thieves downstream and at the side corners.
[8]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it
is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.65 mm.
[9]
Wave soldering is suitable for SSOP and TSSOP packages with a pitch (e) equal to or larger than
0.65 mm; it is definitely not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
Table 10:
Suitability of IC packages for wave, reflow and dipping soldering methods
Mounting
Package[1]
Soldering method
Wave
Reflow[2]
Dipping
Through-hole
mount
DBS, DIP, HDIP, RDBS,
SDIP, SIL
suitable[3]
−
suitable
Through-hole-
surface mount
PMFP[4]
not suitable
not
suitable
−
Surface mount
BGA, LBGA, LFBGA,
SQFP, SSOP-T[5],
TFBGA, VFBGA
not suitable
suitable
−
DHVQFN, HBCC, HBGA,
HLQFP, HSQFP, HSOP,
HTQFP, HTSSOP,
HVQFN, HVSON, SMS
not suitable[6]
suitable
−
PLCC[7], SO, SOJ
suitable
suitable
−
LQFP, QFP, TQFP
not recommended[7][8]
suitable
−
SSOP, TSSOP, VSO,
VSSOP
not recommended[9]
suitable
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com