Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A1122LLHLT-T2 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1122LLHLT-T2
Description  Chopper Stabilized Precision Hall Effect Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1122LLHLT-T2 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1122LLHLT-T2 Datasheet HTML 6Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 7Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 8Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 13Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Chopper Stabilized Precision Hall Effect Switches
A1120, A1121, A1122
and A1125
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
0.55 REF
Gauge Plane
Seating Plane
0.25 BSC
0.95 BSC
0.95
1.00
0.70
2.40
2
1
A
Active Area Depth, 0.28 mm REF
B
C
C
B
Reference land pattern layout
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
Branding scale and appearance at supplier discretion
A
PCB Layout Reference View
Standard Branding Reference View
1
Branded Face
N = Last two digits of device part number
T = Temperature code
NNT
2.90 +0.10
–0.20
4°±4°
8X 10° REF
0.180+0.020
–0.053
0.05 +0.10
–0.05
0.25 MIN
1.91 +0.19
–0.06
2.98 +0.12
–0.08
1.00 ±0.13
0.40 ±0.10
For Reference Only; not for tooling use (reference dwg. 802840)
Dimensions in millimeters
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
D
Hall element, not to scale
D
D
D
1.49
0.96
3
Package LH, 3-Pin (SOT-23W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com