Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430FE425AIPM Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FE425AIPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430FE425AIPM Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430FE425AIPM Datasheet HTML 17Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 18Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 19Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 20Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 21Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 22Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 23Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 24Page - Texas Instruments MSP430FE425AIPM Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
MSP430FE42xA
MIXED SIGNAL MICROCONTROLLER
SLAS588 -- FEBRUARY 2008
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
wake-up LPM3
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
f=1MHz
6
td(LPM3)
Delay time
f=2MHz
3V
6
μs
td(LPM3)
Delay time
f=3MHz
3 V
6
μs
RAM (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRAMh
CPUhalted(seeNote1)
1.6
V
NOTE 1: This parameter defines the minimum supply voltage when the data in the program memory RAM remain unchanged. No program
execution should take place during this supply voltage condition.
LCD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(33)
Voltage at R33
2.5
VCC +0.2
V(23)
Analog voltage
Voltage at R23
V
3 V
(V33--V03) × 2/3 + V03
V
V(13)
Analog voltage
Voltage at R13
VCC =3 V
(V(33)--V(03)) × 1/3 + V(03)
V
V(33) -- V(03)
Voltage at R33/R03
2.5
VCC +0.2
I(R03)
R03 = VSS
No load at all
±20
I(R13)
Input leakage
R13 = VCC/3
segment and
common lines
±20
nA
I(R23)
p
g
R23 = 2 × VCC/3
common lines,
VCC =3V
±20
V(Sxx0)
V(03)
V(03) -- 0.1
V(Sxx1)
Segment line
I
3 A
V
3 V
V(13)
V(13) -- 0.1
V
V(Sxx2)
Segment line
voltage
I(Sxx) =--3 μA,
VCC =3 V
V(23)
V(23) -- 0.1
V
V(Sxx3)
V(33)
V(33) +0.1
USART0 (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
t(τ)
USART0: deglitch time
VCC = 3 V, SYNC = 0, UART mode
150
280
500
ns
NOTE 1: The signal applied to the USART0 receive signal/terminal (URXD0) should meet the timing requirements of t(τ) to ensure that the URXS
flip-flop is set. The URXS flip-flop is set with negative pulses meeting the minimum-timing condition of t(τ). The operating conditions to
set the flag must be met independently from this timing constraint. The deglitch circuitry is active only on negative transitions on the
URXD0 line.
POR brownout, reset (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(BOR)
2000
μs
VCC(start)
dVCC/dt ≤ 3 V/s (see Figure 6)
0.7 × V(B_IT--)
V
V(B_IT--)
Brownout
dVCC/dt ≤ 3 V/s (see Figure 6, Figure 7, Figure 8)
1.71
V
Vhys(B_IT--)
Brownout
dVCC/dt ≤ 3 V/s (see Figure 6)
70
130
180
mV
t(reset)
Pulse length needed at RST/NMI pin to accepted reset internally,
VCC =3V
2
μs
NOTES: 1. The current consumption of the brownout module is already included in the ICC current consumption data. The voltage level V(B_IT--)
+Vhys(B_IT--) is ≤ 1.8 V.
2. During power up, the CPU begins code execution following a period of td(BOR) after VCC =V(B_IT--) +Vhys(B_IT--).
The default FLL+ settings must not be changed until VCC ≥ VCC(min), where VCC(min) is the minimum supply voltage for the desired
operating frequency. See the MSP430x4xx Family User’s Guide (SLAU056) for more information on the brownout/SVS circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com