Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1102 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1102
Description  SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1102 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1102 Datasheet HTML 1Page - Semtech Corporation SC1102 Datasheet HTML 2Page - Semtech Corporation SC1102 Datasheet HTML 3Page - Semtech Corporation SC1102 Datasheet HTML 4Page - Semtech Corporation SC1102 Datasheet HTML 5Page - Semtech Corporation SC1102 Datasheet HTML 6Page - Semtech Corporation SC1102 Datasheet HTML 7Page - Semtech Corporation SC1102 Datasheet HTML 8Page - Semtech Corporation SC1102 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SC1102
SYNCHRONOUS DC/DC CONTROLLER FOR
DISTRIBUTED POWER SUPPLY APPLICATIONS
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
September 5, 2000
1
DESCRIPTION
The SC1102 is a low-cost, full featured, synchronous
voltage-mode controller designed for use in single
ended power supply applications where efficiency is of
primary concern. Synchronous operation allows for the
elimination of heat sinks in many applications. The
SC1102 is ideal for implementing DC/DC converters
needed to power advanced microprocessors in low
cost systems, or in distributed power applications
where efficiency is important. Internal level-shift, high-
side drive circuitry, and preset shoot-thru control, al-
lows the use of inexpensive N-channel power switches.
SC1102 features include temperature compensated
voltage reference, triangle wave oscillator and current
sense comparator circuitry. Power good signaling,
shutdown, and over voltage protection are also pro-
vided.
The SC1102 operates at a fixed 200kHz, providing an
optimum compromise between efficiency, external
component size, and cost.
FEATURES
• 1.265V Reference available
• Synchronous operation
• Over current fault monitor
• On-chip power good and OVP functions
• Small size with minimum external components
• Soft Start
• R
DS(ON) Current sensing
APPLICATIONS
• Microprocessor core supply
• Low cost synchronous applications
• Voltage Regulator Modules (VRM)
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. RANGE (T
J)
SC1102CSTR
SO-14
0 - 125°C
SC1102EVB
Evaluation Board
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
APPLICATION CIRCUIT
Figure 1.
Typical Distributed Power Supply
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DRVH
6
PGND
7
DRVL
8
BSTL
9
BSTH
10
SENSE
11
VREF
12
SS/SHDN
13
GND
14
U1
SC1102
Q1
STP40NE
Q2
STP40NE
R5
3.9
L1
2uH
C9
180/4V
C10
180/4V
C11
180/4V
C12
180/4V
C7
680/6.3V
C6
680/6.3V
R1
1k
R3
1k
C2
0.1
C3
0.1
C1
0.1
R2
PWRGD
OVP
SHDN
VREF
+
_
+
_
Vin 5V
Vout=2.5V*
R7
127
R8
124*
NOTE:
*) Vout = 1.265 x (1+R8/R7)
+5V
D1
MBR0520
R6
2.2
C4
1.0
C5
10.0
C8
680/6.3V
R4
10
+12V
C13
180/4V


Similar Part No. - SC1102

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102ASTR SEMTECH-SC1102ASTR Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102ASTRT SEMTECH-SC1102ASTRT Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102CS.TR SEMTECH-SC1102CS.TR Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102CSTRT SEMTECH-SC1102CSTRT Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102EVB SEMTECH-SC1102EVB Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC1102

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Linear Technology
LT1339 LINER-LT1339 Datasheet
415Kb / 20P
High Power Synchronous DC/DC Controller
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
Synchronous Voltage Mode Controller for Distributed Power Supply
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
logo
Linear Technology
LT1339 LINER-LT1339_15 Datasheet
298Kb / 20P
High Power Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com