Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8300 Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # S8300
Description  Linear LED Driver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

S8300 Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

  S8300 Datasheet HTML 1Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 2Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 3Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 4Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 5Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 6Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 7Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 8Page - KODENSHI_AUK CORP. S8300 Datasheet HTML 9Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KSD-I7F016-001
7
S8300
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040
5060
7080
90
100
Fre.1kHz
Fre.10KHz
Electrical Characteristic Curves
Fig.7 Dimming Curve
Ch1 : SHDN, 5V/Div
Ch2 :VOUT, 5V/Div
Ch3 : IOUT, 500mA/Div
Fig.8 Short Circuit Current
Ch1►
Ch2►
SHDN : Duty Ratio(%)
Ch3►
Fig.9 Power Dissipation vs TA
Ambient Temperature - TA [℃]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com