Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2576L-XX-TN5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # P2576L-XX-TN5-R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576L-XX-TN5-R Datasheet(HTML) 7 Page - Unisonic Technologies

  P2576L-XX-TN5-R Datasheet HTML 1Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 2Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 3Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 4Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 5Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 6Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 7Page - Unisonic Technologies P2576L-XX-TN5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
P2576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R101-025.F
TYPICAL APPLICATION CIRCUIT (Ta=25°C, VCC=12V, unless otherwise specified)
Dropout Voltage
2.0
1.5
1.0
0.5
-75
0
25
125 150
Junction Temperature (°C)
-50 -25
100
50 75
0
20
0
Input Voltage (V)
8
18
16
14
12
10
10
20
30
40
50
60
Quiescent Current
VOUT=5V,
Measured at Ground Pin T =25°C
22
24
ILOAD=3A
ILOAD=0.2A
Standby Quiescent Current
75
60
50
40
0
25
125
Junction Temperature (°C)
-50 -25
100
50
75
30
70
ON/OFF PIN:5V
VIN=40V
VIN=12V
Time(ms)
Load Transient Response
0
-1
1
0.01
3
0 0.4
1.2 1.6 2.0 2.4 2.8
0.8
3.6 4.0
3.2
VIN=12V, VOUT=5V@3A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com