Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R070LD10L-XX-TN4-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # R070LD10L-XX-TN4-R
Description  VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R070LD10L-XX-TN4-R Datasheet(HTML) 4 Page - Unisonic Technologies

  R070LD10L-XX-TN4-R Datasheet HTML 1Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 2Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 3Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 4Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 5Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 6Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 7Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 8Page - Unisonic Technologies R070LD10L-XX-TN4-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R070LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R101-024.C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage (Note 2)
VIN
10
V
ON/OFF Control Voltage (Note 2)
VC
10
V
Output Adjustment pin Voltage (Note 2)
VADJ
5
V
Output Current
IOUT
1
A
Power Dissipation
PD
8
W
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
All are open except GND and applicable terminals.
ELECTRICAL CHARACTERISTICS
For Adjustable Version
(VIN=5V, VOUT=3.3V (R1=1KΩ), IOUT=500mA, VC=2.7V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage
VIN
2.35
10.0
V
Output Voltage
VOUT
1.5
7.0
V
Load Regulation
ΔVOUT
IOUT=5mA~1A
0.2
1
%
Line Regulation
ΔVOUT
VIN=4~ 8V, IOUT=5mA
0.2
1
%
Ripple Rejection
RR
60
dB
Dropout Voltage
VD
IOUT=500mA, VIN=2.85V
0.5
V
Reference Voltage
VREF
1.206
1.23
1.254
V
Temperature Coefficient of Reference
Voltage
TCVREF
TJ=0 ~125°C, IOUT=5mA
±1.0
%
ON-State Voltage for Control
VC(ON)
(Note)
2.0
V
ON-State Current for Control
IC(ON)
200
μA
OFF-State Voltage for Control
VC(OFF)
IOUT=0A
0.6
V
OFF-State Current for Control
IC(OFF)
IOUT=0A, VC=0.4V
5
μA
Quiescent Current
IQ
IOUT=0A
1
2
mA
Output Off-State Consumption Current
IQS
VC=0.4V
5
μA
Note: In case that the control terminal (2th pin) is non-connection, output voltage should be OFF state.
For Fixed Version
(VIN=VOUT+1V, IOUT=500mA, VC=2.0V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage
VIN
10.0
V
Output Voltage
VOUT
VOUT
×0.98
VOUT
VOUT
×1.02
V
Load Regulation
ΔVOUT
IOUT=5mA~1A
0.2
1
%
Line Regulation
ΔVOUT
VIN=VOUT+0.5V~ 8V, IOUT=5mA
0.2
1
%
Ripple Rejection
RR
60
dB
Dropout Voltage
VD
IOUT=500mA
0.5
V
Temperature Coefficient of Reference
Voltage
TCVREF
TJ=0 ~125°C, IOUT=5mA
±1.0
%
ON-State Voltage for Control
VC(ON)
(Note)
2.0
V
ON-State Current for Control
IC(ON)
200
μA
OFF-State Voltage for Control
VC(OFF)
IOUT=0A
0.6
V
OFF-State Current for Control
IC(OFF)
IOUT=0A, VC=0.4V
5
μA
Quiescent Current
IQ
IOUT=0A
1
2
mA
Output Off-State Consumption Current
IQS
VC=0.4V
5
μA
Note: In case that the control terminal (2th pin) is non-connection, output voltage should be OFF state.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com