Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1406TS Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1406TS
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406TS Datasheet(HTML) 5 Page - Semtech Corporation

  SC1406TS Datasheet HTML 1Page - Semtech Corporation SC1406TS Datasheet HTML 2Page - Semtech Corporation SC1406TS Datasheet HTML 3Page - Semtech Corporation SC1406TS Datasheet HTML 4Page - Semtech Corporation SC1406TS Datasheet HTML 5Page - Semtech Corporation SC1406TS Datasheet HTML 6Page - Semtech Corporation SC1406TS Datasheet HTML 7Page - Semtech Corporation SC1406TS Datasheet HTML 8Page - Semtech Corporation SC1406TS Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
5
Pentium is a registered trademark of Intel Corporation
ELECTRICAL CHARACTERISTICS (CONT.)
Unless specified: -0 < T
A < 100°C; VCC = 3.3V (See test circuit)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Current Limit Comparator (CL, CLREF, CLSET)
Input Bias Current
+I
CL
V
CS = 1.3V
5
µA
Current Limit Setting Current
|+I
CLREF|RCLSET = open
V
CLREF-VCL
= 10mV
7.5
µA
*The Tamky device is required to
meet the CL setting current
V
CLRER-VCL
= -10mV
5.0
requirements for R
CLSET of
“17k
Ω and 170kΩ or “42.5kΩ and
R
CLSET = 17kΩ∗
V
CLREF-VCL
= 10mV
262.5
300
337.5
µA
20k
Ω”. Supplier production testing
will use the 17k
Ω /170kΩ
V
CLREF-VCL
= -10mV
175
200
225
combination or the 42.5k
Ω /20kΩ
combination.
R
CLSET = 170kΩ∗
V
CLREF-VCL
= 10mV
19.5
30
40.5
µA
V
CLREF-VCL
= -10mV
13
20
27
R
CLSET = 42.5kΩ∗
V
CLRER-VCL
= 10mV
100.5
120
139.5
µA
V
CLRER-VCL
= -10mV
67
80
93
R
CLSET = 20kΩ∗
V
CLREF-VCL
= 10mV
222
255
288
µA
V
CLRER-VCL
= -10mV
148
170
192
Input Offset Voltage
V
CL -
V
CLREF
V
CLREF = 1.3V
±4
±6
mV
Propagation Delay Time**
Measured at the device pins, from
the trip point to 50% of CO
transition
T
pd_CL-CO
V
CMPREF = 1.3V, ∆ VCMP =
+50mV
step with +20mV overdrive,
T
A = 25°C,
100
T
A = full range
150
ns
V
CMPREF = 1.3V, ∆ VCMP =
-50mV step with -20mV overdrive,
T
A = 25°C,
100
T
A = full range
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com