Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1452 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1452
Description  DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1452 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1452 Datasheet HTML 1Page - Semtech Corporation SC1452 Datasheet HTML 2Page - Semtech Corporation SC1452 Datasheet HTML 3Page - Semtech Corporation SC1452 Datasheet HTML 4Page - Semtech Corporation SC1452 Datasheet HTML 5Page - Semtech Corporation SC1452 Datasheet HTML 6Page - Semtech Corporation SC1452 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SC1452
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
1
DUAL 150mA LDO REGULATOR WITH
PROGRAMMABLE RESET
TYPICAL APPLICATION
FEATURES
•= Up to 150mA per regulator output
•= Low quiescent current
•= Low dropout voltage
•= Wide selection of output voltages
•= Stable operation with ceramic caps
•= Tight load and line regulation
•= Current and thermal limiting
•= Reverse input polarity protection
•= <1uA off-mode current
•= Logic controlled electronic enable
•= Programmable reset
•= Full industrial temperature range
APPLICATIONS
•= Cellular telephones
•= Palmtop/Laptop computers
•= Battery-powered equipment
•= Bar code scanners
•= SMPS post regulator/dc to dc modules
•= High efficiency linear power supplies
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
Part Numbers
Package
SC1452XIMSTR
(1)(2)
MSOP-10
ORDERING INFORMATION
Notes:
(1) Where X denotes voltage options - see table on
page 5.
(2) Only available in tape and reel packaging. A reel
contains 2500 devices.
DESCRIPTION
The SC1452 is a state of the art device intended to
provide maximum performance and flexibility in battery
operated systems. It has been designed specifically to
fully support a single Li-Ion battery and its external
charger voltages.
The SC1452 contains two independently enabled, ultra
low dropout voltage regulators (ULDOs). It operates
from an input voltage range of 2.5V to 6.5V, and a wide
variety of output voltage options are available which are
designed to provide an initial tolerance of ±1% and
±2% over temperature.
Each regulator has an associated active-low reset sig-
nal which is asserted when the voltage output declines
below the preset threshold. Once the output recovers,
the reset continues to be asserted (delayed) for a
predetermined time, 50ms for reset A and 150ms for
reset B. In the case of regulator B, the delay time may
be reduced by the addition of an external capacitor.
The SC1452 has a bypass pin to enable the user to
capacitively decouple the bandgap reference for very
low output noise (down to 50µVrms).
The devices utilize CMOS technology to achieve very
low operating currents (typically 150µA with both out-
puts supplying 150mA). The dropout voltage is typically
165mV at 150mA, helping to prolong battery life.
In
addition, the devices are guaranteed to provide 400mA
of peak current for applications which require high initial
inrush current. They have been designed to be used
with low ESR ceramic capacitors to save cost and PCB
area.
The SC1452 comes in the low profile 10-lead MSOP
package.
3.3V IN
ENABLE OUTPUT A
ENABLE OUTPUT B
RESET B
RESET A
2.5V OUT
3.3V OUT
U1
SC1452JIMS
1
2
3
4
5
6
7
8
9
10
OUTA
OUTB
GND
RSTA
RSTB
DLYB
ENB
BYP
ENA
IN
COUTA
1uF
CBYP
10nF
CDLYB
10nF
CIN
1uF
COUTB
1uF


Similar Part No. - SC1452

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1452XIMSTR SEMTECH-SC1452XIMSTR Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452XIMSTRT SEMTECH-SC1452XIMSTRT Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
More results

Similar Description - SC1452

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
logo
Rohm
BD3951F ROHM-BD3951F Datasheet
320Kb / 6P
System Regulator (RESET, Vcc-Detection and 150mA LDO)
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
LDO Regulator with Reset
R5511X RICOH-R5511X Datasheet
490Kb / 17P
LDO REGULATOR with RESET
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
Micrel Semiconductor
MIC5210 MICREL-MIC5210_06 Datasheet
194Kb / 11P
Dual 150mA LDO Regulator
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
150mA DUAL LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com