Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1563 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1563
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1563 Datasheet HTML 1Page - Semtech Corporation SC1563 Datasheet HTML 2Page - Semtech Corporation SC1563 Datasheet HTML 3Page - Semtech Corporation SC1563 Datasheet HTML 4Page - Semtech Corporation SC1563 Datasheet HTML 5Page - Semtech Corporation SC1563 Datasheet HTML 6Page - Semtech Corporation SC1563 Datasheet HTML 7Page - Semtech Corporation SC1563 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
5
TYPICAL APPLICATION (Externally Set Output Voltage)
(1)(2)
Volts
R2
R2)
(R1
1.200
VO
+
=
Notes:
(1) Maximum VO setpoint is 3.3V.
(2) This device is designed to operate with ceramic input and output capacitors.
TYPICAL APPLICATIONS (Internally Set Output Voltage)
(2)
VIN
SHDN
VO (X.XV)
U1
SC1563IS-X.X
1
2
3
4
5
SHDN GND ADJ
VO
VIN
C1
1uF
C2
10uF
VIN
SHDN
VO
U1
SC1563IS-X.X
1
2
3
4
5
SHDN GND ADJ
VO
VIN
C1
1uF
C2
10uF
R1
R2
VIN
VO (X.XV)
SHDN
U1
SC1563IMS-X.X
1
2
3
4
5
6
7
8
VIN
SHDN
ADJ
VO
GND
GND
GND
GND
C1
1uF
C2
10uF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com