Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3383G-XX-AB3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC3383G-XX-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383G-XX-AB3-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UC3383G-XX-AB3-R Datasheet HTML 2Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 9Page - Unisonic Technologies UC3383G-XX-AB3-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UC3383
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 15
www.unisonic.com.tw
QW-R502-032,H
ELECTRICAL CHARACTRISTICS(Cont.)
UTC UC3383-2.7V
(IOUT=10mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
L, SD, CL etc. connected
2.633 2.700 2.768
V
Maximum Input Voltage
VIN
10
V
Oscillation Start-up Voltage
VST
IOUT=1mA
0.80
0.90
V
Oscillation Hold Voltage
VHLD
IOUT=1mA
0.70
V
Lx Limit Voltage
VLxLMT Same as IDD1. FOSC>Fosc1×2
0.7
1.1
V
No-Load Input Current
IIN
IOUT=0mA (Note 1)
4.51
9.09
μA
Supply Current 1(Note 2)
IDD1
VIN=VOUT×0.95
17.87 35.77
μA
Supply Current 2
IDD2
VIN=VOUT+0.5V
2.04
4.11
μA
Lx Leakage Current
ILXL
No external components, VOUT=VLx=10V.
1.0
μA
Lx Switch-On Resistance
RSWON Same as IDD1. VLx=0.4V
6.37
9.64
Ω
Duty Ratio 1
DTY1
Same as IDD1.Measuring of Lx waveform
70
75
80
%
Duty Ratio 2
DTY2
IOUT=1mA. Measuring of Lx on-time
40
45
50
%
Efficiency
EFFI
L, SD, CL etc. connected
70
%
Fosc1 Same as IDD1. 75% duty
100
120
130
kHz
Maximum Oscillation Frequency
Fosc2 Same as IDD1. 45% duty
150
180
210
kHz
For 5-Pins package Only
High
VCEH
Same as IDD1.
Existence of Lx Oscillation.
0.75
V
CE Voltage
Low
VCEL
Same as IDD1.
Disappearance of Lx Oscillation
0.20
V
High
ICEH
Same as IDD1. VCE=VOUT×0.95
0.25
μA
CE ”High” Current
Low
ICEL
Same as IDD1. VCE=0V
-0.25
μA
Stand-by Current
ISTB
Same as IDD1.
0.5
μA
UTC UC3383-2.8V
(IOUT=10mA)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
L, SD, CL etc. connected
2.730 2.800 2.870
V
Maximum Input Voltage
VIN
10
V
Oscillation Start-up Voltage
VST
IOUT=1mA
0.80
0.90
V
Oscillation Hold Voltage
VHLD
IOUT=1mA
0.70
V
Lx Limit Voltage
VLxLMT Same as IDD1. FOSC>Fosc1×2
0.7
1.1
V
No-Load Input Current
IIN
IOUT=0mA (Note 1)
4.54
9.16
μA
Supply Current 1(Note 2)
IDD1
VIN=VOUT×0.95
18.48 36.98
μA
Supply Current 2
IDD2
VIN=VOUT+0.5V
2.06
4.14
μA
Lx Leakage Current
ILXL
No external components, VOUT=VLx=10V.
1.0
μA
Lx Switch-On Resistance
RSWON Same as IDD1. VLx=0.4V
5.98
9.06
Ω
Duty Ratio 1
DTY1
Same as IDD1,.Measuring of Lx waveform
70
75
80
%
Duty Ratio 2
DTY2
IOUT=1mA. Measuring of Lx on-time
40
45
50
%
Efficiency
EFFI
L, SD, CL etc. connected
70
%
Fosc1 Same as IDD1. 75% duty
100
120
130
kHz
Maximum Oscillation Frequency
Fosc2 Same as IDD1. 45% duty
150
180
210
kHz
For 5-Pins package Only
High
VCEH
Same as IDD1.
Existence of Lx Oscillation.
0.75
V
CE Voltage
Low
VCEL
Same as IDD1.
Disappearance of Lx Oscillation
0.20
V
High
ICEH
Same as IDD1. VCE=VOUT×0.95
0.25
μA
CE ”High” Current
Low
ICEL
Same as IDD1. VCE=0V
-0.25
μA
Stand-by Current
ISTB
Same as IDD1.
0.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com