Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT10XXL-AB3-C-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT10XXL-AB3-C-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT10XXL-AB3-C-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT10XXL-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 7Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 8Page - Unisonic Technologies UT10XXL-AB3-C-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UT10XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-014.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ +13
V
SOT-89
200
Power Dissipation
TO-92
PD
200
mW
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTRISTICS (Ta=25 )
℃
FOR UT1018
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4%
1.757
1.8
1.843
V
Output Voltage
VOUT
VIN=3.8V, IOUT=10mA
±5%
1.71
1.8
1.89
V
Input Voltage
VIN
12
V
Load Regulation
△
VOUT
VIN=3.8V, 1mA≤IOUT≤20mA
60
100
mV
Line Regulation
△
VOUT
△
VIN ×VOUT
2.8V≤VIN≤12V, IOUT=0.5mA
0.2
%/V
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=3.8V
20
30
mA
Current Consumption
ISS
VIN=3.8V, No load
2.2
6.0
μA
Temperature Coefficient
△
VOUT
△
Ta
VIN=3.8V, IOUT=10mA
0°C<Ta<70°C
±0.25
mV/℃
FOR UT1020
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4%
1.952
2.0
2.048
V
Output Voltage
VOUT
VIN=4V, IOUT=10mA
±5%
1.9
2.0
2.1
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=4V, 1mA≤IOUT≤20mA
60
100
mV
Line Regulation
△
VOUT
△
VIN × VOUT
3V≤VIN≤12V, IOUT=0.5mA
0.2
%/V
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4V
20
30
mA
Current Consumption
ISS
VIN=4V, No load
2.2
6.0
μA
Temperature Coefficient
△
VOUT
△
Ta
VIN=4V, IOUT=10mA
0°C<Ta<70°C
±0.3
mV/℃
FOR UT1025
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4%
2.440
2.5
2.560
V
Output Voltage
VOUT
VIN=4.5V, IOUT=10mA
±5%
2.375
2.5
2.625
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=4.5V, 1mA≤IOUT≤20mA
60
100
mV
Line Regulation
△
VOUT
△
VIN ×VOUT
3.5V≤VIN≤12V, IOUT=0.5mA
0.2
%/V
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.5V
20
30
mA
Current Consumption
ISS
VIN=4.5V, No load
2.2
6.0
μA
Temperature Coefficient
△
VOUT
△
Ta
VIN=4.5V, IOUT=10mA
0°C<Ta<70°C
±0.35
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com