Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT10XXG-AB3-C-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT10XXG-AB3-C-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT10XXG-AB3-C-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT10XXG-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 7Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 8Page - Unisonic Technologies UT10XXG-AB3-C-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UT10XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-014.D
ELECTRICAL CHARACTRISTICS(Cont.)
FOR UT1027
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4%
2.635
2.7
2.765
V
Output Voltage
VOUT
VIN=4.7V, IOUT=10mA
±5%
2.565
2.7
2.835
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=4.7V, 1mA≤IOUT≤20mA
60
100
mV
Line Regulation
△
VOUT
△
VIN×VOUT
3.7V≤VIN≤12V, IOUT=0.5mA
0.2
%/V
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.7V
20
30
mA
Current Consumption
ISS
VIN=4.7V, No load
2.5
6.0
μA
Temperature Coefficient
△
VOUT
△
Ta
VIN=4.7V, IOUT=10mA
0°C<Ta<70°C
±0.4
mV/℃
FOR UT1028
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4% 2.732
2.8
2.867
V
Output Voltage
VOUT
VIN=4.8V, IOUT=10mA
±5%
2.660
2.8
2.940
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=4.8V, 1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.8V
20
30
mA
Current Consumption
ISS
VIN=4.8V, No load
2.5
6.0
μA
Line Regulation
△
VOUT
△
VIN ×VOUT
3.8V≤VIN≤12V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
Ta
VIN=4.8V, IOUT=10mA
0°C<Ta<70°C
±0.4
mV/℃
FOR UT1030
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
±2.4%
2.928
3.0
3.072
V
Output Voltage
VOUT
VIN=5V, IOUT=10mA
±5%
2.850
3.0
3.150
V
Input Voltage
VIN
12
V
Load Regulation
 △
VOUT
VIN=5V, 1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5V
20
30
mA
Current Consumption
ISS
VIN=5V, No load
2.5
6.0
μA
Line Regulation
△
VOUT
△
VIN×VOUT
4V≤VIN≤12V, IOUT=1mA
0.2
%/V
Temperature Coefficient
△
VOUT
△
Ta
VIN=5V, IOUT=10mA
0°C<Ta<70°C
±0.45
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com