Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNF431AS Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SNF431AS
Description  Programmable Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SNF431AS Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SNF431AS Datasheet HTML 1Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 2Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 3Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SNF431AS Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
KSD-I0A013-006
5
SN431/SNF431
◈ Electrical Characteristic Curves
-25
-20
-15
-10
-5
0
0
4
8
12
1620
2428
3236
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-60
-40
-20
0
20
40
60
80
100
-200
-100
0
100
200
300
400
500
600
700
800
-1
0123
-150
-125
-100
-75
-50
-25
0
25
50
75
100
125
150
-2
-1
0
1
2
3
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-60
-40
-20
0
20
40
60
80
100
Fig.4 Vref vs TA
Ambient Temperature - TA [℃]
Ambient Temperature - TA [℃]
Fig.5 Iref vs TA
Fig.6 IKA vs VKA
Cathode Voltage - VKA [V]
Fig.7 IKA vs VKA
Cathode Voltage - VKA [V]
Fig.8 Ioff vs TA
Ambient Temperature - TA [℃]
Fig.9 △Vref vs VKA
Cathode Voltage - VKA [V]
VKA=Vref
IK=10mA
IK=10mA
R1=10KΩ
R2=∞
VKA=Vref
TA=25℃
VKA=Vref
TA=25℃
VKA= 36V
Vref=0V
IK=10mA
TA=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com