Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN7809PI Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SN7809PI
Description  3 Terminal 1A Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7809PI Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SN7809PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 8Page - KODENSHI_AUK CORP. SN7809PI Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
KSD-I0O008-004
1
Jan. 2010 REV. 04
SN78xxx
3 Terminal 1A Positive Voltage Regulator
▲
Marking Detail Information
[ TO-220F-3L & TO-253-3L PKG Marking ]
①
AUK Logo
②
Grade & M Code & Year & Week Code
③
Device Code
Product
Marking
Package
SN78xxD
SN78xxD
TO-252-3L
SN78xxPI
SN78xxPI
TO-220F-3L
Description
The SN78xxx series are three-terminal positive regulators providing
over 1A output current with internal current limiting, thermal
shutdown and safe area protection. These regulators are useful in
a wide range of applications. Although they are just fixed voltage
regulators, the SN78xxx series can be used with external components to
obtain adjustable voltages and Currents.
Application
◈
Consumer and personal electronics
◈
SMPS post-regulator / dc-to-dc modules
◈
High-efficiency linear power supplies
Features and Benefits
◈
Output Current up to 1.0A
◈
Output Voltage : 5, 6, 8, 9, 10, 12, 15, 18, 24V
◈
Built in OVP, CLP circuit.
◈
Built in TSD Protection.
◈
Output Transistor Safe Area Protection.
◈
Ultra High level of ESD [ Built in ESD Protection Cell ]
MM : 500V / HBM 5KV
S
Seem
miiccoon
nd
du
uccttoorr
http:// www.auk.co.kr
ORDERING INFORMATION
Equivalent Circuit
TO-252-3L
TO-220F-3L
Thermal
Protection
Starting
Circuit
Reference
Voltage
Current
Source
SOA
Protection
Error
Amp
GND
2
VIN
1
3
VOUT
R2
R1
AUK(①)
G△YWW (②)
SN78xxx (③)


Similar Part No. - SN7809PI

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SN7809BDJ KODENSHI-SN7809BDJ Datasheet
1Mb / 18P
3 Terminal 1A Positive Voltage Regulator
SN7809BPI KODENSHI-SN7809BPI Datasheet
1Mb / 18P
3 Terminal 1A Positive Voltage Regulator
More results

Similar Description - SN7809PI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com