Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UT71XXG-AB3-C-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT71XXG-AB3-C-R
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT71XXG-AB3-C-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT71XXG-AB3-C-R Datasheet HTML 1Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 2Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 3Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 4Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 5Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 6Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 7Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 8Page - Unisonic Technologies UT71XXG-AB3-C-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UT71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-017.Ha
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.3 ~ +28
V
SOT-89
200
Power Dissipation
TO-92
PD
200
mW
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-40 ~ +125
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTRISTICS (Ta=25 )
℃
FOR UT7115
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.5V, IOUT=10mA
1.464
1.5
1.536
V
Input Voltage
VIN
24
V
Load Regulation
V
△ OUT
VIN=3.5V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=3.5V
20
30
mA
Current Consumption
ISS
VIN=3.5V, No load
4
6.0
μA
Line Regulation
V
△ OUT
V
△ IN×VOUT
2.5V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
△ OUT
Ta
△
VIN=3.5V, IOUT=10mA
0°C<Ta<70°C
±0.2
mV/℃
FOR UT7118
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=3.8V, IOUT=10mA
1.757
1.8
1.843
V
Input Voltage
VIN
24
V
Load Regulation
V
△ OUT
VIN=3.8V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=3.8V
20
30
mA
Current Consumption
ISS
VIN=3.8V, No load
4
6.0
μA
Line Regulation
V
△ OUT
V
△ IN×VOUT
2.8V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
△ OUT
Ta
△
VIN=3.8V, IOUT=10mA
0°C<Ta<70°C
±0.25
mV/℃
FOR UT7120
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4V, IOUT=10mA
1.952
2.0
2.048
V
Input Voltage
VIN
24
V
Load Regulation
V
△ OUT
VIN=4V, 1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4V
20
30
mA
Current Consumption
ISS
VIN=4V, No load
4
6.0
μA
Line Regulation
V
△ OUT
△
VIN×VOUT
3V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
△ OUT
Ta
△
VIN=4V, IOUT=10mA
0°C<Ta<70°C
±0.3
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com