Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6ESK1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6ESK1
Description  High Performance K Series RFI Line Filters for SMPS Emission Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6ESK1 Datasheet(HTML) 2 Page - Tyco Electronics

  6ESK1 Datasheet HTML 1Page - Tyco Electronics 6ESK1 Datasheet HTML 2Page - Tyco Electronics 6ESK1 Datasheet HTML 3Page - Tyco Electronics 6ESK1 Datasheet HTML 4Page - Tyco Electronics 6ESK1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
76
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance K Series Filters for SMPS Emission Control (continued)
SK Series
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
Electrical Schematic
LINE
LOAD
1
Case Styles
SK1
D
E
A
C
B
SK3 (6 & 10A)
A
D
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B

 









SK3 (3A)
A
D
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
ESK6 / VSK6










Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com