Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2M-CPU35 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # CJ2M-CPU35
Description  SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU35 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button CJ2M-CPU35 Datasheet HTML 20Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 21Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 22Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 23Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 24Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 25Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 26Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 27Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CJ2M-CPU3
@/-CPU1@/-MD21@
24
Connector Pin Allocations of Pulse I/O Module (40 pins)
Connector on Sinking-type I/O Module (CJ2M-MD211)
* Terminals numbers on the XW2D-
@@G@ Connector-Terminal Block Conversion Unit.
Sourcing-type I/O Module (CJ2M-MD212)
* Terminals numbers on the XW2D-
@@G@ Connector-Terminal Block Conversion Unit.
Pin layout
Terminal symbol
Input signal type
Pin
*
Terminal symbol
Input signal type
Pin
*
IN00/IN10
24 VDC
1
A1
IN01/IN11
24 VDC
2
B1
LD+3
A2
LD+4
B2
0 V/LD
−
5A3
0 V/LD
−
6B3
IN02/IN12
24 VDC
7
A4
IN03/IN13
24 VDC
8
B4
LD+9
A5
LD+10
B5
0 V/LD
−
11
A6
0 V/LD
−
12
B6
IN04/IN14
24 VDC
13
A7
IN05/IN15
24 VDC
14
B7
LD+
15
A8
LD+
16
B8
0 V/LD
−
17
A9
0 V/LD
−
18
B9
IN06/IN16
24 VDC
19
A10
IN07/IN17
24 VDC
20
B10
LD+
21
A11
LD+
22
B11
0 V/LD
−
23
A12
0 V/LD
−
24
B12
IN08/IN18
24 VDC
25
A13
IN09/IN19
24 VDC
26
B13
LD+
27
A14
LD+
28
B14
0 V/LD
−
29
A15
0 V/LD
−
30
B15
OUT00/OUT10
---
31
A16
OUT01/OUT11
---
32
B16
OUT02/OUT12
---
33
A17
OUT03/OUT13
---
34
B17
OUT04/OUT14
---
35
A18
OUT05/OUT15
---
36
B18
Power supply input +V for
outputs
---
37
A19
Power supply input +V for
outputs
---
38
B19
COM
---
39
A20
COM
---
40
B20
Pin layout
Terminal symbol
Input signal type
Pin
*
Terminal symbol
Input signal type
Pin
*
IN00/IN10
24 VDC
1
A1
IN01/IN11
24 VDC
2
B1
LD+3
A2
LD+4
B2
0 V/LD
−
5A3
0 V/LD
−
6B3
IN02/IN12
24 VDC
7
A4
IN03/IN13
24 VDC
8
B4
LD+9
A5
LD+10
B5
0 V/LD
−
11
A6
0 V/LD
−
12
B6
IN04/IN14
24 VDC
13
A7
IN05/IN15
24 VDC
14
B7
LD+
15
A8
LD+
16
B8
0 V/LD
−
17
A9
0 V/LD
−
18
B9
IN06/IN16
24 VDC
19
A10
IN07/IN17
24 VDC
20
B10
LD+
21
A11
LD+
22
B11
0 V/LD
−
23
A12
0 V/LD
−
24
B12
IN08/IN18
24 VDC
25
A13
IN09/IN19
24 VDC
26
B13
LD+
27
A14
LD+
28
B14
0 V/LD
−
29
A15
0 V/LD
−
30
B15
OUT00/OUT10
---
31
A16
OUT01/OUT11
---
32
B16
OUT02/OUT12
---
33
A17
OUT03/OUT13
---
34
B17
OUT04/OUT14
---
35
A18
OUT05/OUT15
---
36
B18
COM
---
37
A19
COM
---
38
B19
Power supply input
−V for
outputs
---
39
A20
Power supply input
−V
for outputs
---
40
B20
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com